Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST9 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 106Page - STMicroelectronics ST9 Datasheet HTML 107Page - STMicroelectronics ST9 Datasheet HTML 108Page - STMicroelectronics ST9 Datasheet HTML 109Page - STMicroelectronics ST9 Datasheet HTML 110Page - STMicroelectronics ST9 Datasheet HTML 111Page - STMicroelectronics ST9 Datasheet HTML 112Page - STMicroelectronics ST9 Datasheet HTML 113Page - STMicroelectronics ST9 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 146 page
background image
110/146
ST9 USER GUIDE
4.8.2.6 WDT File
4.8.2.6.1 WDT Files for PWM Generation
The WDT function file is <wdt\appli1\wdt.c> and contains 7 functions that are initialized for
generating a simple PWM signal using the WDT (programmable duty cycle).
Port used:
– WDOUT
Table 13.
WDT.C Functions
4.8.2.6.2 WDT Files in Watchdog Mode
The WDT function file is <wdt\appli2\wdt.c> and contains 4 functions that are initialized for en-
abling the WDT in Watchdog mode and refreshes it regularly.
No port is used.
Table 14.
WDT.C Functions
FUNCTION
DESCRIPTION AND COMMENTS
void INIT_WDT(void);
WDT initialization.
It must be used before any use of the WDT.
It initializes the value loaded into the prescaler and into the counter.
To use the WDT in output mode, you must initialize the output pin in push
pull, alternate function. This means (PXC0R,PXC1R,PXC2R) = (1,1,0)
void START_WDT(void);
Start the Watchdog Timer.
void STOP_WDT (void);
It stops the counting of the timer (useless in watchdog mode).
void
Restart_Watchdog(void);
This routine refreshes the Watchdog counter: At each End of Count, if this
function has not been used before, a reset is generated internally.
The periodic use of this function is the only way to avoid a reset.
void INIT_WDT_IT(void);
This routine configure the interrupts after each End of Count using inter-
rupt channel INTA0. NMI is thus configured as the Top Level Interrupt.
Don't forget to initialize your start-up file correctly.
void Enable_WDT_IT(void)
Enable the WDT interrupt.
void
INTWDT_EndCount(void);
Interrupt subroutine which occurs after an end of count.
The code written in the user part allow the generation of a simple PWM
signal (programmable duty cycle).
FUNCTION
DESCRIPTION AND COMMENTS
void INIT_WDT(void);
WDT initialization.
It must be used before any use of the WDT.
It initializes the value loaded into the prescaler and into the counter.
void START_WDT(void);
Start the Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com