Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM0044 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 17Page - STMicroelectronics PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics PM0044 Datasheet HTML 22Page - STMicroelectronics PM0044 Datasheet HTML 23Page - STMicroelectronics PM0044 Datasheet HTML 24Page - STMicroelectronics PM0044 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
PM0044
Pipelined execution
Doc ID 13590 Rev 3
21/162
Figure 6.
Pipelined execution stages
5.1.1
Fetch stage
The first pipeline stage includes a 64-bit fetch buffer and a 32-bit prefetch buffer, totalling 3
words named F1, F2 and F3. This buffer structure allows any instruction code (up to 5 bytes)
to be available for decoding immediately after F1 (and F2 when needed) is/are loaded.
The instruction access from Flash Program memory is 32-bit wide and it is performed from
an aligned address i.e. 0xXXX0, 0xXXX4, 0xXXX8, or 0xXXXC.
Unlike the decode and execute stages that are performed at every cycle, the fetch stage
accesses the program memory only when needed, and stops memory access when the
buffer is full. This allows reducing the core power consumption,
Reading program from RAM is similar to reading program from ROM. However, since the
RAM data bus is 8-bit wide, 4 consecutive read operations have to be performed to load one
FX word, thus resulting in RAM execution being slower than Flash execution.
5.1.2
Decoding and addressing stage
The decoding stage includes an instruction alignment unit. The alignment unit uses the 64-
bit input from the fetch unit and feeds an instruction (from 1 to 5 bytes depending on the
instruction) to the decoding unit.
The instruction code consists of 2 parts (see examples in Table 2):
●
The op-code itself (1 or 2 bytes)
●
and a data/address part (0 to 3 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com