Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3413 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3413
Description  STM32L1x current consumption measurement and touch sensing demonstration firmware
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3413 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3413 Datasheet HTML 9Page - STMicroelectronics AN3413 Datasheet HTML 10Page - STMicroelectronics AN3413 Datasheet HTML 11Page - STMicroelectronics AN3413 Datasheet HTML 12Page - STMicroelectronics AN3413 Datasheet HTML 13Page - STMicroelectronics AN3413 Datasheet HTML 14Page - STMicroelectronics AN3413 Datasheet HTML 15Page - STMicroelectronics AN3413 Datasheet HTML 16Page - STMicroelectronics AN3413 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID018933 Rev 2
13/18
AN3413
Software description
17
Figure 5. Low power mode flowchart
In Standby mode, the device is in its deepest energy saving state. The device enters the
Cortex-M3 deepsleep mode and the voltage regulator is disabled. All oscillators are
switched off. SRAM and register contents are lost with the exception of the RTC registers,
RTC backup registers and Standby circuitry. The device is woken up from this mode by an
external wakeup event generated by the U3 counter invoking a system reset.
MS19816V1
START
LCD disable
RTC clock source None *
RTC clock OFF *
LCD clock OFF
Regulator in Ultra low power mode **)
GPIO Low power config
Disable external counter U3
Configure LP clock
Configure interrupt/event
Switch OFF flash memory ***)
Switch OFF regulator
WFE set to external event from PA0
Enable external counter U3
Wait For Event or
Wait For Interrupt
Event or
Interrupt
occurred?
NO
YES
Clear interrupt / event
Switch ON regulator
Reconfigure clock
END
*) except Stop with RTC
Disable fast wakeup
**) except Sleep mode
***) only for LP RUN, Sleep and LP Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com