Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2859 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 5Page - STMicroelectronics AN2859 Datasheet HTML 6Page - STMicroelectronics AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics AN2859 Datasheet HTML 10Page - STMicroelectronics AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics AN2859 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID15255 Rev 2
9/29
AN2859
Multiplexed diagnostics
29
Knowing the control state of each STCC08 (IN1 and IN2) and according to Table 1, the
MCU is able to detect the AC switch state by analyzing VSTATE signal. Appendix A defines
the states of each ACS according to the VSTATE signal level (V0, V1, V2 and V3) and the
control state of each STCC08. In the case of failure of one of the AC switches, the MCU can
place the application in a safe configuration by switching off an appliance front-end relay.
1.3
VAVF signal reading synchronization
The STCC08 AVF output signal is an image of the AC switch voltage. This signal toggles
between VCC and zero level (GND) according to whether the STCC08 AC input current (IAC)
is higher or not than IACT (see AN2716). In case of multiplexed diagnostics the slight IACT
electrical variation between ICs may result in the state of the AVF signal of each STCC08
(either VCC or zero level) not changing at exactly the same time. This has an impact on the
VSTATE signal and on the AC switches state detection (see Figure 13). Note that IACT1 and
IACT2 define respectively the STTCO8 IAC input current for STCC081 and STCC082 to allow
VAVF signal to toggle between VCC and GND. For example, if the two STCC08 are not
controlled (IN1 = IN2 = 0) and AC1 and AC2 are not in conducting state the AC1 and AC2
can be interpreted (see Table 1) as failed in short circuit if VSTATE is read between t0 and t1
(VSTATE = V0).
Table 1. Variation of the VSTATE signal according to the AC switch states
ACS1 state
ACS2 state
VSTATE status
ON
ON
VSTATE = V0
ON
OFF
VSTATE = V1
OFF
ON
VSTATE = V2
OFF
OFF
VSTATE = V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com