Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAL02VD330K Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LAL02VD330K
Description  Axial Leaded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LAL02VD330K Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LAL02VD330K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Axial Leaded Inductors
LAL02VD330K
Features
Item Summary
33μH(±10%), 76mA, 40, Leaded
Lifecycle Stage
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
External Dimensions (mm) LxD
3.4(max)×2.3(max)mm
Inductance
33μH(±10%)
Inductance Measuring Frequency
2.52MHz
DC Resistance (max)
4.7Ω
Q (min)
40min
Temperature Range
-25 to +105 ℃
Self-resonant Frequency (min)
14MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Wave
External Dimensions
L
3.4mm max
D
2.3mm max
2015.06.04
1 / 1


Similar Part No. - LAL02VD330K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LAL02VD390K TAIYO-YUDEN-LAL02VD390K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD3R3K TAIYO-YUDEN-LAL02VD3R3K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD3R9K TAIYO-YUDEN-LAL02VD3R9K Datasheet
138Kb / 1P
Axial Leaded Inductors
More results

Similar Description - LAL02VD330K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LAL03TB470K TAIYO-YUDEN-LAL03TB470K Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
List of Unclassifed Man...
LAL04 ETC2-LAL04 Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LAL02TB3R3K TAIYO-YUDEN-LAL02TB3R3K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB6R8K TAIYO-YUDEN-LAL02TB6R8K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB390K TAIYO-YUDEN-LAL02TB390K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB820K TAIYO-YUDEN-LAL02TB820K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TBR33K TAIYO-YUDEN-LAL02TBR33K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD2R7K TAIYO-YUDEN-LAL02VD2R7K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD101K TAIYO-YUDEN-LAL02VD101K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD470K TAIYO-YUDEN-LAL02VD470K Datasheet
138Kb / 1P
Axial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com