Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6465CS Datasheet(PDF) 8 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 8 Page - NEC

Back Button UPD6465CS Datasheet HTML 4Page - NEC UPD6465CS Datasheet HTML 5Page - NEC UPD6465CS Datasheet HTML 6Page - NEC UPD6465CS Datasheet HTML 7Page - NEC UPD6465CS Datasheet HTML 8Page - NEC UPD6465CS Datasheet HTML 9Page - NEC UPD6465CS Datasheet HTML 10Page - NEC UPD6465CS Datasheet HTML 11Page - NEC UPD6465CS Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
µPD6464A,6465
8
1.3 Power-ON Clear Function
Because the internal status of the IC is unstable on power application, initialize the IC by making the PCL
pin high and executing a clear operation. When the clear operation has been performed, the following setting
is made:
•
Test mode is cleared.
•
All the character data of the video RAM (12 lines, 24 columns) are set to display OFF data (7EH (
µPD6464A)/FEH
(
µPD6465)) and the blinking data are set to OFF.
•
Video RAM write address (line 0, column 0) is set.
•
Character size is set to
×1 (minimum) on all lines.
•
Display is turned OFF and LC oscillation is turned ON.
The time required for the power-ON clear operation can be calculated by the following expression:
t = tPCLLNote + {video RAM clear time}
= 10 (
µs) + {10 (µs) + 12/fOSC (MHz) × 288 [µs]}
Note Refer to 7. ELECTRICAL SPECIFICATIONS Power-ON Clear Specification.
Remark
fOSC: LC oscillation frequency (dot clock frequency)
2.
COMMAND DETAILS
2.1 Video RAM Batch Clear Command
This command can clear the video RAM with a single command.
D7
D6
D5
D4
D3
D2
D1
D0
00000000
The video RAM batch clear command performs the following setting:
•
Sets all the character data of the video RAM (12 lines, 24 columns) to display OFF data (7EH (
µPD6464A)/FEH
(
µPD6465)) and blinking data to OFF.
•
Sets a video RAM write address (line 0, column 0).
•
Sets the character size to
×1 (minimum) on all lines.
•
Turns display OFF and LC oscillation ON.
The time required for clearing the video RAM can be calculated by the following expression:
t = video RAM clear time
= 10 (
µs) + 12/fOSC (MHz) × 288 [µs]
Remark
fOSC: LC oscillation frequency (dot clock frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com