| Electronic Components Datasheet Search |
|
SRCOOLNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
SRCOOLNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() SNMP Webcard Interface Module - Remote Cooling Management for Use with SRCOOL12K or SRXCOOL12K MODEL NUMBER: SRCOOLNET Description The SRCOOLNET adds remote SNMP monitoring and management capabilities to the updated SRCOOL12K and SRXCOOL12K Portable Air Conditioning Units. The SRCOOLNET includes the Envirosense temperature and humidity module and mounting hardware for easy installation. The unit provides the ability to remotely adjust fan speed, cooling temperature, and dehumidification modes. The included EnviroSense module can be used instead of the temperature sensor within the SR(X)COOL12K to monitor ambient conditions and to control the temperature set point of the SR(X)COOL12K. This helps ensure that supply air to important equipment is at or below a target temperature in cases where SR(X)COOL12K is indirectly supplying cold air to that equipment. The included AC power adapter supports 100-240V 50/60Hz worldwide voltage capability with either the NEMA 1-15R or CEE7 SCHUKO snap-in plug adapters. Features Turns the SRCOOL12K and SRXCOOL12K Portable Air Conditioning Units into managed devices on the network using SNMP network management platform or a web browser Included ENVIROSENSE module provides remote monitoring of temperature and humidity Included PowerAlert Software provides a single interface for both the SRCOOL12K/SRXCOOL12K and the ENVIROSENSE module Specifications INPUT Nominal Input Voltage Description 100-240 VAC ; 50/60Hz Plug Type NEMA 5-15P Adapter USER INTERFACE, ALERTS & CONTROLS LED Indicators 1 Link LED to confirm connection and indicate speed & 1 Status LED to indicate when the card is initialized Highlights External SNMP/Web management accessory card module for use with the SRCOOL12K or SRXCOOL12K Portable Air Conditioning Unit Enables remote monitoring and management of cooling in back offices, computer rooms, small server rooms and network closets Monitor temperatures, receive alerts, review logs and control settings from any location Simple installation and setup Package Includes SRCOOLNET Envirosense Module Mounting Hardware Software CD Manuals 1 / 2 |
Similar Part No. - SRCOOLNET |
|
Similar Description - SRCOOLNET |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |