Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM336-2.5 Datasheet(PDF) 2 Page - Linear Technology

Part # LM336-2.5
Description  2.5V Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM336-2.5 Datasheet(HTML) 2 Page - Linear Technology

  LM336-2.5 Datasheet HTML 1Page - Linear Technology LM336-2.5 Datasheet HTML 2Page - Linear Technology LM336-2.5 Datasheet HTML 3Page - Linear Technology LM336-2.5 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM136-2.5/LM336-2.5
2
LM136/LM136A
LM336/LM336B
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VZ
Reverse Breakdown Voltage
TA = 25°C, IR = 1mA
LM136/LM336
2.440
2.490
2.540
2.390
2.490
2.590
V
LM136A/LM336B
2.465
2.490
2.515
2.440
2.490
2.540
V
∆VZ
Reverse Breakdown Change
400
µA ≤ IR ≤ 10mA
∆IR
with Current
TA = 25°C
2.6
6
2.6
10
mV
TMIN ≤ TA ≤ TMAX
q
3.0
10
3.0
12
mV
rZ
Reverse Dynamic Impedance
IR = 1mA
TA =25°C
0.2
0.6
0.2
1.0
Ω
TMIN ≤ TA ≤ TMAX
q
0.4
1.0
0.4
1.4
Ω
∆VZ
Temperature Stability
VR Adjusted to 2.490V, IR = 1mA,
∆Temp
TMIN ≤ TA ≤ TMAX (See Figure 1)
q
12
18
1.8
6
mV
∆VZ
Long Term Stability
TA = 25°C ± 0.1°C, IR = 1mA
20
20
ppm/kHr
∆Time
Operating Temperature Range
LM136-2.5 (OBSOLETE) .............. –55
°C to 125°C
LM336-2.5 .............................................. 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 160°C/W
LM136H-2.5
LM136AH-2.5
LM336H-2.5
LM336AH-2.5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LM336Z-2.5
LM336BZ-2.5
BOTTOM VIEW
Z PACKAGE
3-LEAD PLASTIC TO-92
ADJ
+
–
BOTTOM VIEW
H PACKAGE
3-LEAD TO-46 METAL CAN
+
–
ADJ
Lead Temperature (Soldering, 10 sec).................. 300
°C
Reverse Current .................................................... 15mA
Forward Current ................................................... 10mA
OBSOLETE PACKAGE
Consider the Z Packages for Alternate Source
(NOTE 2)
TJMAX = 150°C, θJA = 440°C/W
(NOTE 2)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1009 is an improved, low cost, pin for pin replacement for
the “A” and “B” versions. For further information consult the LT1009 data
sheet.
136/336 F01
V+
R
5k
1mA
2.490V
* ADJUST TO 2.490
† ANY SILICON
SIGNAL DIODE
D1
†
D2
†
*
D1, D2 1N4148
Figure 1. Adjusting the LM336 for
Minimum Temperature Coefficient



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com