Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2985 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2985 Datasheet HTML 1Page - STMicroelectronics AN2985 Datasheet HTML 2Page - STMicroelectronics AN2985 Datasheet HTML 3Page - STMicroelectronics AN2985 Datasheet HTML 4Page - STMicroelectronics AN2985 Datasheet HTML 5Page - STMicroelectronics AN2985 Datasheet HTML 6Page - STMicroelectronics AN2985 Datasheet HTML 7Page - STMicroelectronics AN2985 Datasheet HTML 8Page - STMicroelectronics AN2985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN2985
STEVAL-IFP010V3 demonstration board
Doc ID 15716 Rev 2
5/19
1
STEVAL-IFP010V3 demonstration board
1.1
Safety precautions
The board must be used only by expert technicians. The copper areas around the VNI2140J
device have a heat sink function, visible in the top layer layout view, refer to
Figure 8. In case
of short-circuit, current limitation or hard demagnetization, the STEVAL-IFP010V3 board, or
part of it, might reach a very high temperature with consequent danger.
No specific protections are implemented for a reverse DC accidental connection. Remember
that an electrolytic capacitor is connected to the supply bus, therefore a reverse continuous
DC voltage applied to it may produce a dangerous explosion.
Warning:
ST assumes no responsibility for any consequences which
may result from the improper use of this tool.
1.2
Description
The STEVAL-IFP010V3 demonstration board is composed of two main sections:
●
An opto-isolated interface for input and status signals
●
A two-channel self-protected power stage section with STMicroelectronics Transil™
diode protection.
The demonstration board consists of a double-sided FR4 printed circuit board with 35 µm
copper plating. The PCB dimensions are 52 mm X 68 mm. The top and bottom view are
shown in
Figure 3 and 4, respectively.
1.3
VNI2140J - device overview
The VNI2140J is a monolithic two-channel driver featuring a very low supply current. The IC,
which uses STMicroelectronics VIPower technology, is intended for driving loads with one
side connected to ground. Active channel current limitation, combined with thermal
shutdown (independent for each channel) and automatic restart, protect the device against
overload.
The main features of the VNI2140J IC are:
●
Output current: 1 A per channel
●
Shorted load protections for each channel
●
Junction overtemperature protection for thermal independence of the channels
●
Case overtemperature protection and restart are not simultaneous for the two channels
●
Protection against ground disconnection
●
Current limitation
●
Undervoltage shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com