Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS21 Datasheet(PDF) 7 Page - STMicroelectronics

Part # OS21
Description  The API defined in the OS21 User manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OS21 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button OS21 Datasheet HTML 3Page - STMicroelectronics OS21 Datasheet HTML 4Page - STMicroelectronics OS21 Datasheet HTML 5Page - STMicroelectronics OS21 Datasheet HTML 6Page - STMicroelectronics OS21 Datasheet HTML 7Page - STMicroelectronics OS21 Datasheet HTML 8Page - STMicroelectronics OS21 Datasheet HTML 9Page - STMicroelectronics OS21 Datasheet HTML 10Page - STMicroelectronics OS21 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OS21, ARM
Timers
8083358
5/14
2
Timers
2.1
Timers overview
In order to run, OS21 requires at least three independent timers. Each of these must be
capable of running as a free running, auto-reload counter, with interrupt on underflow. Each
is programmed to count some fraction of the input clock.
The greatest accuracy is obtained by counting based on a large fraction of the input clock,
and running that clock at high frequency.
2.2
Input clock frequency
The precise speed of the input clock is determined by the end user; it is a function of the
board design and boot software. OS21 is not responsible for setting the input speed,
therefore it has to be made aware of what it is.
This is done with the Board Support Package (BSP) using a function called
bsp_timer_input_clock_frequency_hz
(). Full details on how to use this function can
be found in the OS21 User manual (ADCS 7358306), chapter 16.
2.3
OS21 tick duration
OS21 establishes the period of one tick when it boots. Based on the input clock frequency it
selects an appropriate divisor to yield a tick which is approximately 10 microseconds.
2.4
ARM timer assignments
How OS21 uses the ARM timers depends upon the exact hardware available. Table 1 shows
an example of how the timers (four in this case) are assigned in a typical configuration.
The system timer is left free running and is used by time_now() to return the system time.
On ARM platforms, the system time (osclock_t) is a 64-bit value. OS21 maintains the top
32 bits of the 64-bit time via an interrupt handler which is called each time the 32-bit timer
reaches zero. The lower 32 bits of the system time are the value in the system timer.
The timeslice timer is programmed to run for the timeslice period before generating an
interrupt and reloading. This is used to drive timeslice events into the task scheduler.
Table 1.
ARM timer assignments
Timer name
OS21 usage
Timer0
System timer
Timer1
Timeslice timer
Timer2
Timeout timer
Timer3
OS21 Profiling timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com