Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4367 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4367
Description  This document provides overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4367 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4367 Datasheet HTML 1Page - STMicroelectronics AN4367 Datasheet HTML 2Page - STMicroelectronics AN4367 Datasheet HTML 3Page - STMicroelectronics AN4367 Datasheet HTML 4Page - STMicroelectronics AN4367 Datasheet HTML 5Page - STMicroelectronics AN4367 Datasheet HTML 6Page - STMicroelectronics AN4367 Datasheet HTML 7Page - STMicroelectronics AN4367 Datasheet HTML 8Page - STMicroelectronics AN4367 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID025333 Rev 1
5/13
AN4367
Z4 Core exception overview
12
1
Z4 Core exception overview
Z4 Core used on SPC56EL60xx/SPC56xL70xx devices contains many exception sources
and sixteen interrupts to service them. Multiple exception sources can be mapped to one
interrupt handler where few supportive status registers provide flags to find the cause of the
exception in the handler.
Detail list of exception causes and their mapping to interrupt handlers can be found in the Z4
Core Reference Manual. This reference manual is available online at http://www.st.com.
This chapter gives overview simple overview of machine check interrupt that is utilized for
several important fault states of SPC56EL60xx/SPC56xL70xx device.
1.1
Machine check interrupt (IVOR1)
Machine check interrupt is a handler that services multiple fault events that can occur during
runtime code execution.
This interrupt is used to handle various faults generated by peripherals in the
SPC56EL60xx/SPC56xL70xx device, like MPU protection fault, 2bECC error in the Flash or
RAM memory etc. The reason is that most of the faults are signaled back as external bus
error situation during the CPU-Submodule bus transaction.
1.1.1
Machine check registers
Z4 core implements few machine check status registers that are updated upon the
exception event with some constraints stated in the Z4 Core Reference Manual. These
registers are used to find the source of the exception and based on it to decide how to solve
it.
Table 1. Machine check interrupt causes
Interrupt type
Exception conditions
Machine check
–NMI
– ISI, ITLB, Error on first instruction fetch for an exception handler
– Parity Error signaled on cache access
– External bus error
Table 2. Machine check register
Register
Content
MCSR (syndrome register)
Register indicates the source of machine check condition that gives
possibility to differentiate between them
MCAR (address capture)
Register contains for some sort of machine check conditions the
address for which the asynchronous type of the machine check
exception was raised.
Address valid only when MCSR.MAV bit was ‘0’ before the exception,
otherwise MCAR register is not updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com