Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA13 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MPSA13
Description  NPN Epitaxial Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MPSA13 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MPSA13_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MPSA13_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MPSA13_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
MPSA13 / 14
NPN Epitaxial Silicon Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Current Gain Bandwidth Product
1
10
100
1000
1k
10k
100k
1M
VCE = 5V
IC [mA], COLLECTOR CURRENT
10
100
0.1
1
10
IC = 1000 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
0.4
0.8
1.2
1.6
2.0
2.4
1
10
100
VCE = 5V
VBE [V], BASE-EMITTER VOLTAGE
110
100
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com