Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3D Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # US3D
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

US3D Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  US3D Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd US3D Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
US3A ~ US3M
■
Features
●
For surface mount applications
●
Low profile package
●
Easy pick and place
●
Ultrafast recovery times for high efficiency
●
Low forward voltage,low power loss
●
Plastic package has underwriters laboratories
flammability classification 94V-0
2.007
2.616
1
2
7.112
6.604
8.128
7.747
6.223
5.588
3.250
2.743
6.18
5.98
4.69
4.49
7.67
7.47
3.07
3.27
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AB(SMC)
Unit: mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol US3A US3B US3D US3G US3J US3K US3M
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage@ TJ=25℃ IFM=3A
VF
Averaged Forward Current.@ TL=110℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Maximum Reverse Current
(Note.1)
trr
ns
Typical Junction Capacitance (Note.2)
Cj
pF
Thermal Resistance.Junction- to-Ambient
RthJA
℃
/W
Junction Temperature
Tj
Storage Temperature
Tstg
150
-55 to 150
℃
A
10
500
μA
75
70
IR
1
50
25
V
3
100
1.7
50
Note.1: IF=0.5A, IR=1.0A,Irr=0.25A
Note.2: Measured at 1.0MHz, VR=4.0V
■
Marking
NO.
US3A
US3B
US3D
US3G
US3J
US3K
US3M
Marking
US3A
US3B
US3D
US3G
US3J
US3K
US3M


Similar Part No. - US3D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3D SSE-US3D Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3D DIOTEC-US3D Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3D SEMIKRON-US3D Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3D DIOTEC-US3D Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3D SEMIKRON-US3D Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results

Similar Description - US3D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
RECTIFIER DIODES
November 1975
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com