Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS13 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS13
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS13 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS13 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS13 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
SS12 ~ SS110
■
Features
●
Low Forward Voltage
●
Guard Ring Protection
●
High Current Capability
●
Epoxy meets UL 94 V-0 flammability rating
2.108
2.348
1
2
4.699
4.064
5.588
5.080
3.937
3.302
2.108
1.905
4.12
3.92
2.65
2.45
5.59
5.39
2.10
2.30
1.270
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AA(SMB)
Unit: mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
SS12 SS13 SS14 SS15 SS16 SS18 SS110 Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
RMS Voltage
VRMS
14
21
28
35
42
56
70
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
Averaged Forward Current.TJ=100℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Thermal Resistance from Junction To Lead
RθJL
°C/W
Junction Temperature
Tj
Operating Temperature
Topr
Storage Temperature
Tstg
-55 to 150
℃
A
28
150
V
1
30
-55 to 125
■
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
SS12
0.45
SS13
0.55
SS14
0.55
SS15-SS16
0.7
SS18-SS110
0.85
Ta = 25℃
0.5
Ta = 100℃
20
SS12-SS14
110
SS15-SS110
90
Junction capacitance
V
pF
IF= 1A,TJ=25℃
IR
mA
CJ
VR=4V, f=1MHz
Parameter
Forward voltage
Reverse voltage leakage current
VF
■
Marking
NO.
SS12
SS13
SS14
SS15
SS16
SS18
SS110
Marking
SS12
SS13
SS14
SS15
SS16
SS18
SS110


Similar Part No. - SS13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS13 SURGE-SS13 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS13 TRSYS-SS13 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS13 JGD-SS13 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS13 SSE-SS13 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS13

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com