Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP050IP Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP050IP
Description  0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP050IP Datasheet(HTML) 2 Page - Intersil Corporation

  HIP050IP Datasheet HTML 1Page - Intersil Corporation HIP050IP Datasheet HTML 2Page - Intersil Corporation HIP050IP Datasheet HTML 3Page - Intersil Corporation HIP050IP Datasheet HTML 4Page - Intersil Corporation HIP050IP Datasheet HTML 5Page - Intersil Corporation HIP050IP Datasheet HTML 6Page - Intersil Corporation HIP050IP Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HIP0050
Block Diagram
Output Control Logic Table
STROBE
8-BIT SERIAL DATA (LATCHED)
OUTPUT
D1
D2
D3
D4
D5
D6
D7
D8
DR1
DR2
DR3
DR4
DR5
DR6
DR7
DR8
00000000
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
10000000
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
11000000
ON
ON
OFF
OFF
OFF
OFF
OFF
OFF
11100000
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
11110000
ON
ON
ON
ON
OFF
OFF
OFF
OFF
00001111
OFF
OFF
OFF
OFF
ON
ON
ON
ON
11111111
ON
ON
ON
ON
ON
ON
ON
ON
SCK
OUTPUT
OC
SHUT-
OVER-TEMPERATURE
SHUTDOWN W/HYS
OUTPUT DRIVER
(CHANNEL 1 OF 8)
DR#0
LATCH
POR
EN
FAULT
LATCH
FLT
(STROBE)
SI
SO
DOWN
SERIAL
(SPI)
PARALLEL
(DATA IS
REGISTER
INPUT
STR
(ENABLE)
Q1
Q2
Q3
Q4
Q5
Q6
Q7
STROBED)
WHEN
LATCHED
OUTPUT
S
R
Q0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com