Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR211C104FART Datasheet(PDF) 4 Page - AVX Corporation

Part # SR211C104FART
Description  Radial Leads/SkyCap/SR Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR211C104FART Datasheet(HTML) 4 Page - AVX Corporation

  SR211C104FART Datasheet HTML 1Page - AVX Corporation SR211C104FART Datasheet HTML 2Page - AVX Corporation SR211C104FART Datasheet HTML 3Page - AVX Corporation SR211C104FART Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
18
Radial Leads/SkyCap
®/SR Series
Z5U Dielectric
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
*Other capacitance values available upon special request.
Capacitance ranges available for SR12 and SR07 same as SR15
SR62 and SR59 same as SR21
SR64 and SR65 same as SR30
SR75 same as SR40
SR13 same as SR21
NOTE: For others voltages, tolerances, electrical specifications and
NPO typical characteristics, see the AVX Multilayer Ceramic
Leaded Capacitors Catalog.
MAXIMUM CAPACITANCE VALUE
STYLE*
C0G (NP0)
X7R
SR29
900 pF
.015 μF
SR20
1800 pF
.033 μF
SR28
SR59
900 pF
.015 μF
SR13
SR21
1800 pF
.033 μF
SR30
SR61
7200 pF
.12 μF
SR65
SR40
SR75
.015 μF
.27 μF
SR22
1800 pF
.033 μF
SR27
1800 pF
.033 μF
SR76
.015 μF
.27 μF
SR50
.036 μF
.59 μF
AVX 500 VOLT SKYCAPS**
*Consult pages 28 and 29 for style sizes.
**Voltage rating based on DWV of 150% of rated voltage.
AVX Style
SR15
SR20
SR21
SR22
SR27
SR30
SR40
SR50
AVX “Insertable”
SR07
SR29
SR59
N/A
N/A
SR65
SR75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
100
50
100
50
100
50
100
50
100
50
100
50
100
50
100
50
10,000
SR155E103ZAR
47,000
SR-----E473ZAR
100,000
SR215E104ZAR
150,000
SR-----E154ZAR
220,000
SR215E224ZAR
330,000
SR215E334ZAR
470,000
SR215E474ZAR
680,000
SR-----E684ZAR
1.0 μF
SR-----105ZAR
1.5 μF
SR30E155ZAR
2.2 μF
SR30E225ZAR
3.3 μF
SR30E335ZAR
4.7 μF
SR30E475ZAR
= Industry preferred values
= SR20 only
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com