Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1663G-E1 Datasheet(PDF) 8 Page - NEC

Part # UPC1663G-E1
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663G-E1 Datasheet(HTML) 8 Page - NEC

Back Button UPC1663G-E1 Datasheet HTML 4Page - NEC UPC1663G-E1 Datasheet HTML 5Page - NEC UPC1663G-E1 Datasheet HTML 6Page - NEC UPC1663G-E1 Datasheet HTML 7Page - NEC UPC1663G-E1 Datasheet HTML 8Page - NEC UPC1663G-E1 Datasheet HTML 9Page - NEC UPC1663G-E1 Datasheet HTML 10Page - NEC UPC1663G-E1 Datasheet HTML 11Page - NEC UPC1663G-E1 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet G11024EJ6V0DS00
8
µµµµPC1663
APPLICATION CIRCUIT EXAMPLES
EXAMPLE 1
Video Line Driver Circuit Example
Input
75
Ω
75
Ω
200
Ω
Output
75
Ω
75
Ω
COAXIAL
200
Ω
–6 V
+6 V
0.1 F
µ
µPC1663
2.0
1.0
0
100 k
1 M
10 M
Frequency f (Hz)
MAXIMUM OUTPUT VOLTAGE vs. FREQUENCY (VIDEO LINE, SINGLE-ENDED)
PHASE CHARACTERISTICS vs. FREQUENCY
100 M
1 G
100 k
0
–45
–90
–135
–180
1 M
10 M
Frequency f (Hz)
100 M
Gain 1
Gain 2
VCC±
=
±6 V
VCC± =
±6 V
Remark
Differential output voltage is double of single-ended output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com