Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8351ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 16 of 19
CHARACTERIZATION SETUP
The test circuit used for 150 Ω and 1 kΩ load testing is shown
in Figure 47. The evaluation board uses balun transformers to
simplify interfacing to single-ended test equipment. Balun effects
must be removed from the measurements to accurately charac-
terize the performance of the device at frequencies exceeding
1 GHz.
The output L-pad matching networks provide a broadband
impedance match with minimum insertion loss. The input lines
are terminated with 50 Ω resistors for input impedance matching.
The power loss associated with these networks must be accounted
for when attempting to measure the gain of the device. The
required resistor values and the appropriate insertion loss and
correction factors used to assess the voltage gain are shown in
Table 5.
Table 5. Load Conditions Specified Differentially
Load Condition
R1 (Ω)
R2 (Ω)
Total Insertion Loss (dB)
Conversion Factor 20 log (S21) to 20 log (AV)
150 Ω
43.2
86.6
5.8
7.6 dB
1 kΩ
475
52.3
15.9
25.9 dB
Figure 47. Test Circuit
0.1nF
0.1nF
100nF
100nF
RLOAD
AD8351
DUT
R1
R1
R2
R2
50Ω
50Ω
50Ω TEST
EQUIPMENT
BALANCED
SOURCE
RS
50Ω
RT
50Ω
RT
50Ω
RS
50Ω
50Ω CABLE
50Ω CABLE
50Ω CABLE
50Ω CABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com