Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR74-150-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DR74-150-R
Description  High power density, high efficiency, shielded inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR74-150-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DR74-150-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DR74-150-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product description
Lead free, RoHS compliant
125°C maximum total operating
temperature
Four sizes of shielded drum core induc-
tors
Inductance range from 0.33μH to
1000μH
Current range up to 56 amps peak
Magnetic shielding
Secure mounting
Ferrite core material
Applications
Computer, DVD players, and portable power
devices
LCD panels
DC-DC converters
Buck, boost, forward, and resonant converters
Noise filtering and filter chokes
Environmental data
Storage temperature range (Component):
-40°C to +125°C
Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise)
Solder reflow temperature: J-STD-020D
compliant
Packaging:
Supplied in tape and reel packaging (per reel):
- DR73 1350
- DR74 1100
- DR125 600
- DR127 350
Coiltronics DR Series
High power density, high efficiency, shielded inductors
Technical Data 4315
Effective April 2014
Supersedes December 2007
Coiltronics is now
part of Eaton
Same great
products plus
even more.
The Coiltronics brand of
magnetics (formerly of
the Bussmann Division of
Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
Pb


Similar Part No. - DR74-150-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR74-150-R COOPER-DR74-150-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-150-R ETC2-DR74-150-R Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Eaton All Rights Reserv...
DR74-150-R EATON-DR74-150-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
More results

Similar Description - DR74-150-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com