Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR6000-R12 Datasheet(PDF) 3 Page - TDK Electronics

Part # BR6000-R12
Description  Film Capacitors ??Power Factor Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BR6000-R12 Datasheet(HTML) 3 Page - TDK Electronics

  BR6000-R12 Datasheet HTML 1Page - TDK Electronics BR6000-R12 Datasheet HTML 2Page - TDK Electronics BR6000-R12 Datasheet HTML 3Page - TDK Electronics BR6000-R12 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Film Capacitors – Power Factor Correction
B44066R1311E230
Data logger BR6000-R12/S485 / BR7000
DataLogSD
FILM PFC PM
May 2011
Please read Cautions and warnings and
Page 3 of 4
Important notes at the end of this document.
Areas of usage
Storage of grid parameters for a time interval for (graphical) evaluation via PC-software included in
the delivery
Recording and evaluation of minimum and maximum values
Recording of voltage and power curves
Recording and evaluation of harmonics in the grid
Evaluation of status and control behaviour of the compensation system by
Investigation of the correlation between switching behaviour, cos
φ and remaining reactive power –
thus fault detection and optimization of the system settings
Evaluation of system dimensioning
Recording of switching operations and switching times of all steps: detection of wear-off of
switching devices
Review of target output of switched steps compared to the measured reactive power – detection of
defective steps possible
Recording of temperature in the compensation system, early detection of thermal problems
Evaluation software for PC (Windows-compatible) included in the delivery
The particular PC-software allows the comfortable evaluation of the measured data, assessment of
grid parameters.
Display of grid parameters, cos
φ, reactive power
Reactive power of grid and system – cos
φ
Reactive power of grid and system – step status
Comparative display of ACTUAL and TARGET cos
φ
Diagrams of switched reactive power of the system
Harmonics
Temperature curve of the system during measuring
interval
Number of switching operations and switching times of
all steps as bar diagram – detection of wear-off
Cautions and warnings
The acquired measurement results must be considered as values that should help the user to track errors or for
evaluating a compensation system. The final rating is incumbent on the user.
Note
For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC
Product Profile.
Important: Please note that the „General Safety Recommendations for Power Capacitors“ by ZVEI
(German Electrical and Electronic Manufacturers´ Association (ZVEI) have to be observed in addition
to the caution guidelines stated in the data sheet (Internet: www.epcos.com/pfc).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com