Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80C196KB Datasheet(PDF) 1 Page - Intel Corporation

Part # N80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C196KB Datasheet(HTML) 1 Page - Intel Corporation

  N80C196KB Datasheet HTML 1Page - Intel Corporation N80C196KB Datasheet HTML 2Page - Intel Corporation N80C196KB Datasheet HTML 3Page - Intel Corporation N80C196KB Datasheet HTML 4Page - Intel Corporation N80C196KB Datasheet HTML 5Page - Intel Corporation N80C196KB Datasheet HTML 6Page - Intel Corporation N80C196KB Datasheet HTML 7Page - Intel Corporation N80C196KB Datasheet HTML 8Page - Intel Corporation N80C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
July 1994
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270909-006
8XC196KB8XC196KB16
COMMERCIALEXPRESS CHMOS MICROCONTROLLER
Y
8 Kbytes of On-Chip ROMOTP
Available
Y
232 Byte Register File
Y
Register-to-Register Architecture
Y
28 Interrupt Sources16 Vectors
Y
175 ms 16 x 16 Multiply (16 MHz)
Y
30 ms 3216 Divide (16 MHz)
Y
Powerdown and Idle Modes
Y
Five 8-Bit IO Ports
Y
16-Bit Watchdog Timer
Y
12 MHz and 16 MHz Available
Y
Dedicated 15-Bit Baud Rate Generator
Y
Dynamically Configurable 8-Bit or
16-Bit Buswidth
Y
Full Duplex Serial Port
Y
High Speed IO Subsystem
Y
16-Bit Timer
Y
16-Bit UpDown Counter with Capture
Y
Pulse-Width-Modulated Output
Y
Four 16-Bit Software Timers
Y
10-Bit AD Converter with SampleHold
Y
HOLD HLDA Bus Protocol
Y
Extended Temperature Available
The 8XC196KB is a 16-bit microcontroller available in three different memory varieties ROMless (80C196KB)
8K ROM (83C196KB) and 8K OTP (One Time Programmable87C196KB) The 8XC196KB is a high perform-
ance member of the MCS
96 microcontroller family The 8XC196KB has the same peripheral set as the
8096BH and has a true superset of the 8096BH instructions Intel’s CHMOS process provides a high perform-
ance processor along with low power consumption To further reduce power requirements the processor can
be placed into Idle or Powerdown Mode
Bit byte word and some 32-bit operations are available on the 80C196KB With a 16 MHz oscillator a 16-bit
addition takes 050 ms and the instruction times average 037 ms to 11 ms in typical applications
Four high-speed capture inputs are provided to record times when events occur Six high-speed outputs are
available for pulse or waveform generation The high-speed output can also generate four software timers or
start an AD conversion Events can be based on the timer or updown counter Also provided on-chip are an
AD converter serial port watchdog timer and a pulse-width-modulated output signal
The 8XC196KB has a maximum guaranteed frequency of 12 MHz The 8XC196KB16 has a maximum guaran-
teed frequency of 16 MHz All references to the 80C196KB also refer to the 80C196KB16 83C196KB Rxxx
87C196KB and 87C196KB16 unless otherwise noted The ROM device does not have a speed indicator at the
end of the device name Instead it has a ROM code number
With the commercial (standard) temperature option operational characteristics are guaranteed over the tem-
perature range of 0 Cto a70 C With the extended temperature range option operational characteristics are
guaranteed over the temperature range of b40 Cto a85 C
Package Designators N e 68-pin PLCC S e 80-pin QFP (commercial only) Prefix Designators T e Extend-
ed Temperature
Other brands and names are the property of their respective owners


Similar Part No. - N80C196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N80C196KC INTEL-N80C196KC Datasheet
322Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
Rochester Electronics
N80C196KC ROCHESTER-N80C196KC Datasheet
1Mb / 26P
POWERFUL MICROCONTROLLER for use in the automotive market
N80C196KC-20 ROCHESTER-N80C196KC-20 Datasheet
1Mb / 26P
POWERFUL MICROCONTROLLER for use in the automotive market
logo
Intel Corporation
N80C196KC20 INTEL-N80C196KC20 Datasheet
322Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N80C196KQ INTEL-N80C196KQ Datasheet
1Mb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - N80C196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
TN80C196KC20 INTEL-TN80C196KC20_13 Datasheet
457Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN80C196KB16 INTEL-EN80C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
Commercial/Express CHMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com