| Electronic Components Datasheet Search |
|
80960KB Datasheet(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960KB Datasheet(HTML) 5 Page - Intel Corporation |
|
5 / 39 page ![]() 80960KB 4 Figure 3. Instruction Formats Opcode Displacement Opcode Reg/Lit Reg M Displacement Opcode Reg Reg/Lit Modes Ext’d Op Reg/Lit Opcode Reg Base M X Offset Opcode Reg Base Mode Scale xx Offset Displacement Control Compare and Branch Register to Register Memory Access— Short Memory Access— Long 1.1.1. Memory Space And Addressing Modes The 80960KB offers a linear programming environ- ment so that all programs running on the processor are contained in a single address space. Maximum address space size is 4 Gigabytes (2 32 bytes). For ease of use the 80960KB has a small number of addressing modes, but includes all those necessary to ensure efficient execution of high-level languages such as C. Table 2 lists the modes. Table 2. Memory Addressing Modes • 12-Bit Offset • 32-Bit Offset • Register-Indirect • Register + 12-Bit Offset • Register + 32-Bit Offset • Register + (Index-Register x Scale-Factor) • Register x Scale Factor + 32-Bit Displacement • Register + (Index-Register x Scale-Factor) + 32-Bit Displacement • Scale-Factor is 1, 2, 4, 8 or 16 1.1.2. Data Types The 80960KB recognizes the following data types: Numeric: • 8-, 16-, 32- and 64-bit ordinals • 8-, 16-, 32- and 64-bit integers • 32-, 64- and 80-bit real numbers Non-Numeric: • Bit • Bit Field • Triple Word (96 bits) • Quad-Word (128 bits) 1.1.3. Large Register Set The 80960KB programming environment includes a large number of registers. In fact, 32 registers are available at any time. The availability of this many registers greatly reduces the number of memory accesses required to perform algorithms, which leads to greater instruction processing speed. There are two types of general-purpose registers: local and global. The 20 global registers consist of sixteen 32-bit registers (G0 though G15) and four |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |