Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103BWS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SD103BWS
Description  400mW Small Signal Schottky Diode 20 to 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103BWS Datasheet(HTML) 2 Page - Micro Commercial Components

  SD103BWS Datasheet HTML 1Page - Micro Commercial Components SD103BWS Datasheet HTML 2Page - Micro Commercial Components SD103BWS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
V , REVERSE VOLTAGE (V)
R
Fig. 2 Typ. Junction Capacitance vs Reverse Voltage
100
0.1
1.0
10
010
20
30
40
SD103AWS thru SD103CWS
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision: B
2013/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com