Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP708SESA Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP708SESA
Description  3/3.3/4.0V 關P SUPERVISOR CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP708SESA Datasheet(HTML) 1 Page - IMP, Inc

  IMP708SESA Datasheet HTML 1Page - IMP, Inc IMP708SESA Datasheet HTML 2Page - IMP, Inc IMP708SESA Datasheet HTML 3Page - IMP, Inc IMP708SESA Datasheet HTML 4Page - IMP, Inc IMP708SESA Datasheet HTML 5Page - IMP, Inc IMP708SESA Datasheet HTML 6Page - IMP, Inc IMP708SESA Datasheet HTML 7Page - IMP, Inc IMP708SESA Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
Applications
N Computers and controllers
N CTI applications
N Embedded controllers
N Battery operated systems
N Intelligent instruments
N Wireless communication systems
N PDAs and handheld equipment
N Lower power, pin compatible replacements for
Maxim MAX706P/R/S/T, MAX708R/S/T
– 30% lower supply current:140µA vs. 200µA
N Precision power supply monitor
– 2.63V threshold (IMP706P/R, IMP708R)
– 2.93V threshold (IMP706S, IMP708S)
– 3.08V threshold (IMP706T, IMP708T)
– New 4.00V threshold (IMP706J, IMP708J)
N Debounced manual reset input
N Auxiliary voltage monitor comparator
– 1.25V threshold
– Battery monitor/auxiliary supply monitor
N Watchdog timer (IMP706P/R/S/T/J)
– Watchdog can be disabled by floating WDI
N 200ms reset time delay
N Three reset signal options
– Active HIGH: IMP706P
– Active LOW: IMP706R/S/T/J
– Active HIGH & LOW outputs: IMP708R/S/T/J
N DIP, SO and MicroSO packages
N Guaranteed RESET assertion to VCC = 1.1V
Block Diagrams
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
POWER MANAGEMENT
3/3.3/4.0V
3/3.3/4.0V µ
µP Super
P Supervisor Cir
visor Circuits
cuits
– Lo
– Low suppl
w supply cur
y cur rrent
ent
– W
– Watc
atchdog timer
hdog timer
– Br
– Bro
ownout det
wnout detection
ection
The IMP706P/R/S/T/J and IMP708R/S/T/J CMOS supervisor circuits
monitor power-supply and battery voltage level, and
µP/µC operation.
A reset is generated when the supply drops below 2.63V (IMP706P/R,
IMP708R), 2.93V (IMP706S, IMP708S), 3.08V (IMP706T, IMP708T) or 4.00
(IMP706J, IMP708J).
The family offers several functional options. Each device generates a
reset signal during power-up, power-down and during brownout
conditions.
In addition, the IMP706P/R/S/T/J feature a 1.6 second watchdog timer.
The watchdog timer output will trigger a reset if connected to MR.
Unlike competitive devices, floating the WDI input pin disables the
watchdog timer.
The IMP708R/S/T/J have both active-HIGH and active-LOW reset out-
puts but no watchdog function. The IMP706P has the same pin-out and
functions as the IMP706R but has an active-HIGH reset output.
A versatile power-fail circuit, useful in checking battery levels and
non-5V supplies, has a 1.25V threshold. All devices have a manual
reset input.
All devices are available in 8-pin DIP, SO and the compact MicroSO
packages. The MicroSO package requires 50% less PC board area than
the conventional SO package.
RESET
RESET
V
CC
RESET
Generator
2.63V (IMP708R)
2.93V (IMP708S)
3.08V (IMP708T)
4.00V (IMP708J)
VCC
+
–
+
MR
IMP708R/S/T/J
PFO
GND
1.25V
–
+
PFI
706P_02.eps
20k
Ω
1.25V
–
+
MR
WDI
IMP706P/R/S/T/J
WDO
RESET
(RESET) IMP706P
PFO
GND
V
CC
20k
Ω
RESET
Generator
2.63V (IMP706P/R)
2.93V (IMP706S)
3.08V (IMP706T)
4.00V (IMP706J)
VCC
+
–
+
PFI
Timebase
Watchdog
Timer
Transition
Detector
706P_01.eps


Similar Part No. - IMP708SESA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP708SESA A1PROS-IMP708SESA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
More results

Similar Description - IMP708SESA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
3-Pin 關C Supervisor Circuits
logo
IMP, Inc
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
LOW-POWER 關P SUPERVISOR CIRCUITS
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
3/3.3/4.0 V uP Supervisor Circuits
logo
PulseCore Semiconductor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
PUNK with 關P Supervisor
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
關P Supervisor Circuits
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com