Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP708 Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP708
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP708 Datasheet(HTML) 7 Page - IMP, Inc

  IMP708 Datasheet HTML 1Page - IMP, Inc IMP708 Datasheet HTML 2Page - IMP, Inc IMP708 Datasheet HTML 3Page - IMP, Inc IMP708 Datasheet HTML 4Page - IMP, Inc IMP708 Datasheet HTML 5Page - IMP, Inc IMP708 Datasheet HTML 6Page - IMP, Inc IMP708 Datasheet HTML 7Page - IMP, Inc IMP708 Datasheet HTML 8Page - IMP, Inc IMP708 Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
7
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
Monitoring Voltages Other Than VCC
The IMP705-708 can monitor voltages other than VCC using the
Power Fail circuitry. If a resistive divider is connected from the
voltage to be monitored to the Power Fail input, PFI, the PFO
(output) will go LOW if the divider voltage goes below its 1.25V
reference. Should hysteresis be desired, connect a resistor (equal
to approximately 10 times the sum of the two resistors in the
divider) between the PFI and PFO pins. A capacitor between PFI
and GND will reduce circuit sensitivity to input high-frequency
noise. If it is desired to assert a RESET in addition to the PFO flag,
this may be achieved by connecting the PFO output to MR.
Monitoring a Negative Voltage
The Power-Fail circuitry can also monitor a negative supply rail.
When the negative rail is OK, PFO will be LOW, and when the
negative rail is failing (not negative enough), PFO goes HIGH
(the opposite of when positive voltages are monitored). To trigger
a reset, these outputs need to be inverted: adding the resistors
and transistor as shown achieves this. The RESET output will
then have the same sense as for positive voltages: good = HIGH,
bad = LOW. It should be noted that this circuit’s accuracy depends
on the VCC line, the PFI threshold tolerance, and the resistors.
IMP70x
VCC = 5V
VIN = 12V
GND
VCC
RESET
To Processor
12V Threshold
~10.87V
PFO
MR
PFI
1M
9
130k
9
705_07.eps
IMP70x
+
—
+5V
Negative Input
Voltage
GND
VCC
RESET
PFO
MR
PFI
RP
RN
705_09.eps
5 1 25
1 25
−
=
−
..
RP
V
RN
TRIP
Application Information
Figure 4. Monitoring Voltages Other Than VCC
Figure 5. Monitoring a Negative Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com