Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP707ESA Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP707ESA
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP707ESA Datasheet(HTML) 1 Page - IMP, Inc

  IMP707ESA Datasheet HTML 1Page - IMP, Inc IMP707ESA Datasheet HTML 2Page - IMP, Inc IMP707ESA Datasheet HTML 3Page - IMP, Inc IMP707ESA Datasheet HTML 4Page - IMP, Inc IMP707ESA Datasheet HTML 5Page - IMP, Inc IMP707ESA Datasheet HTML 6Page - IMP, Inc IMP707ESA Datasheet HTML 7Page - IMP, Inc IMP707ESA Datasheet HTML 8Page - IMP, Inc IMP707ESA Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Applications
N Computers and embedded controllers
N Battery-operated systems
N Intelligent instruments
N Wireless communication systems
N PDAs and handheld equipment
Block Diagrams
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
POWER MANAGEMENT
RESET
RESET
V
CC
0.25mA
RESET
Generator
4.65V (IMP707)
4.40V (IMP708)
VCC
+
–
+
MR
IMP707
IMP708
PFO
GND
1.25V
–
+
PFI
705_02.eps
1.25V
–
+
MR
WDI
IMP705
IMP706
IMP813L
WDO
RESET
(RESET)
(IMP813L)
PFO
GND
V
CC
0.25mA
RESET
Generator
4.65V (IMP705/813L)
4.40V (IMP706)
VCC
+
–
+
PFI
Timebase
Watchdog
Timer
Transition
Detector
705_01.eps
Lo
Low
w-P
-Poow
wer
er µ
µP Super
P Supervisor Cir
visor Circuits
cuits
– W
– Watc
atchdog timer
hdog timer
– Br
– Bro
ownout det
wnout detection
ection
– P
– Po
ow
wer suppl
er supply monit
y monitor
or
The IMP705/706/707/708 and IMP813L CMOS supervisor circuits
monitor power-supply and battery voltage level, and
µP/µC operation.
Compared to pin-compatible devices offered by Maxim Integrated
Products, IMP devices feature 60 percent lower maximum supply current.
The family offers several functional options. Each device generates a
reset signal during power-up, power-down and during brownout
conditions. A reset is generated when the supply drops below
4.65V (IMP705/707/813L) or 4.40V (IMP706/708). For 3V power supply
applications, refer to the IMP705P/R/S/T data sheet. In addition, the
IMP705/706/813L feature a 1.6 second watchdog timer. The IMP707/708
have both active-HIGH and active-LOW reset outputs but no watchdog
function. The IMP813L has the same pin-out and functions as the IMP705
but has an active-HIGH reset output. A versatile power-fail circuit has a
1.25V threshold, useful in checking battery levels and non-5V supplies. All
devices have a manual reset (MR) input. The watchdog timer output will
trigger a reset if connected to MR.
All devices are available in 8-pin DIP, SO and MicroSO packages.
Key Features
N Improved replacements for the Maxim
MAX705/6/7/8, MAX813L
– 140µA maximum supply current
– 60% improvement
N Precision power supply monitor
– 4.65V threshold (IMP705/707/813L)
– 4.40V threshold (IMP706/8)
N Debounced manual reset input
N Voltage monitor
– 1.25V threshold
– Battery monitor/Auxiliary supply monitor
N Watchdog timer (IMP705/706/813L)
N 200ms reset pulse width
N Active HIGH reset output (IMP707/708/813L)
N MicroSO package


Similar Part No. - IMP707ESA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP706JCPA IMP-IMP706JCPA Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
A1 PROs co., Ltd.
IMP706JCPA A1PROS-IMP706JCPA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
logo
IMP, Inc
IMP706JCSA IMP-IMP706JCSA Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
A1 PROs co., Ltd.
IMP706JCSA A1PROS-IMP706JCSA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
logo
IMP, Inc
IMP706JCUA IMP-IMP706JCUA Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
More results

Similar Description - IMP707ESA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
IMP706P IMP-IMP706P Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
Low Power uP Supervisor Circuits
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
PUNK with 關P Supervisor
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
關P Supervisor Circuits
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com