Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7134LA55PB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7134LA55PB
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55PB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT7134LA55PB Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55PB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6.04
7
IDT7134SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(6) (CONT'D)
7134X45
7134X55
7134X70
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
45
—
55
—
70
—
ns
tEW
Chip Enable to End-of-Write
40
—
50
—
60
—
ns
tAW
Address Valid to End-of-Write
40
—
50
—
60
—
ns
tAS
Address Set-up Time
0
—
0
—
0
—
ns
tWP
Write Pulse Width
40
—
50
—
60
—
ns
tWR
Write RecoveryTime
0
—
0
—
0
—
ns
tDW
Data Valid to End-of-Write
20
—
25
—
30
—
ns
tHZ
Output High-Z Time
(1, 2)
—20
—
25
—
30
ns
tDH
Data Hold Time
(3)
3—
3
—
3—
ns
tWZ
Write Enabled to Output in High-Z
(1, 2)
—20
—
25
—
30
ns
tOW
Output Active from End-of-Write
(1, 2, 3)
3—
3
—
3—
ns
tWDD
Write Pulse to Data Delay
(4)
—70
—
80
—
90
ns
tDDD
Write Data Valid to Read Data Delay
(4)
—45
—
55
—
70
ns
NOTES:
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
4. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read”.
5. (Commercial only), 0
°C to +70°C temperature range .
6. “X” in part number indicates power rating (SA or LA).
TIMING WAVEFORM OF WRITE WITH PORT-TO-PORT READ (1)
2720 tbl 10
2.
CEL = CER = VIL. OE"B" = VIL.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
NOTES:
1. Write cycle parameters should be adhered to, in order to ensure proper writing.
2720 drw 10
R/
W "A"
VALID
tWC
MATCH
VALID
MATCH
tWP
tDW
tWDD
tDDD
ADDR "A"
DATAIN "A"
DATAOUT "B"
ADDR "B"
tAW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com