Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8702 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8702
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8702 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8702 Datasheet HTML 1Page - Integrated Circuit Systems ICS8702 Datasheet HTML 2Page - Integrated Circuit Systems ICS8702 Datasheet HTML 3Page - Integrated Circuit Systems ICS8702 Datasheet HTML 4Page - Integrated Circuit Systems ICS8702 Datasheet HTML 5Page - Integrated Circuit Systems ICS8702 Datasheet HTML 6Page - Integrated Circuit Systems ICS8702 Datasheet HTML 7Page - Integrated Circuit Systems ICS8702 Datasheet HTML 8Page - Integrated Circuit Systems ICS8702 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated
Circuit
Systems, Inc.
8702
www.icst.com
REV. A - AUGUST 7, 2000
5
ICS8702
LOW SKEW ¸1, ¸2
CLOCK GENERATOR
TABLE 5B. AC ELECTRICAL CHARACTERISTICS, VDDI=3.3V±5%, VDDO=2.5V±5%, TA=0°C TO 70°C
TABLE 4B. DC ELECTRICAL CHARACTERISTICS, VDDI=3.3V±5%, VDDO=2.5V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
I
D
D
Ve
g
a
tl
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
3
1
.
33
.
35
6
4
.
3V
O
D
D
Ve
g
a
tl
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
H
I
Ve
g
a
tl
o
V
h
g
i
H
t
u
p
n
IK
L
C
n
,
K
L
C
t
p
e
c
x
e
ll
AV
5
6
4
.
3
=
I
D
D
V2
8
.
3V
L
I
Ve
g
a
tl
o
V
w
o
L
t
u
p
n
IK
L
C
n
,
K
L
C
t
p
e
c
x
e
ll
AV
5
3
1
.
3
=
I
D
D
V3
.
0
-8
.
0V
P
P
V
k
a
e
P
-
o
t-
k
a
e
P
e
g
a
tl
o
V
t
u
p
n
I
K
L
C
n
,
K
L
C5
1
.
03
.
1
R
M
C
V
e
d
o
M
n
o
m
m
o
C
;
e
g
a
tl
o
V
t
u
p
n
I
1
E
T
O
N
K
L
C
n
,
K
L
C
s
l
e
v
e
L
L
C
E
P
V
L8
.
14
.
2
s
l
e
v
e
L
L
T
S
S
,
S
D
V
L
,
L
T
S
H
,
M
C
D1
3
.
03
.
1
H
IIt
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
C
t
p
e
c
x
e
ll
AV
5
6
4
.
3
=
N
I
V
=
I
D
D
V5
A
µ
K
L
CV
5
6
4
.
3
=
N
I
V
=
I
D
D
V0
5
1A
µ
L
IIt
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
C
t
p
e
c
x
e
ll
AV
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V0
5
1
-A
µ
K
L
CV
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V5
-A
µ
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
V
5
6
4
.
3
=
H
I
V
=
I
D
D
V
V
0
=
L
I
V
0
7A
m
H
O
Ve
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
V
5
7
3
.
2
=
O
D
D
V
,
V
5
3
1
.
3
=
I
D
D
V
A
m
7
2
-
=
H
O
I
9
.
1V
L
O
Ve
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
V
5
7
3
.
2
=
O
D
D
V
,
V
5
3
1
.
3
=
I
D
D
V
A
m
7
2
=
L
O
I
5
.
0V
=
I
C
C
V
r
o
f
e
r
a
B
4
e
l
b
a
T
n
i
d
e
t
o
n
s
e
u
l
a
v
L
C
E
P
V
L
e
h
T
.
H
I
V
m
u
m
i
n
i
m
e
h
t
s
a
d
e
n
if
e
d
s
i
L
C
E
P
V
L
r
o
f
e
g
a
tl
o
v
t
u
p
n
i
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
r
e
v
o
s
s
o
r
c
e
h
t
s
a
d
e
n
if
e
d
s
i
L
T
S
S
d
n
a
S
D
V
L
,
L
T
S
H
,
M
C
D
r
o
f
e
g
a
tl
o
v
t
u
p
n
i
e
d
o
m
n
o
m
m
o
C
.I
C
C
V
h
ti
w
1
:
1
y
r
a
v
lli
w
L
C
E
P
V
L
r
o
f
R
M
C
V
.
V
3
.
3
.
1
e
r
u
g
i
F
e
e
S
.
e
g
a
tl
o
v
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
X
A
M
fy
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
0
5
2z
H
M
H
L
p
th
g
i
H
-
o
t-
w
o
L
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
PZ
H
M
0
< f ≤
z
H
M
0
0
23
.
26
.
3s
n
L
H
p
tw
o
L
-
o
t-
h
g
i
H
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
PZ
H
M
0
< f ≤
z
H
M
0
0
23
.
26
.
3s
n
)
b
(
k
s
t2
E
T
O
N
;
w
e
k
S
k
n
a
B
2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
ir
n
o
d
e
r
u
s
a
e
M0
5
1s
p
)
o
(
k
s
t3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
ir
n
o
d
e
r
u
s
a
e
M0
0
2s
p
(
k
s
t
ω)4
E
T
O
N
;
w
e
k
S
y
c
n
e
u
q
e
r
F
e
l
p
it
l
u
M
2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
ir
n
o
d
e
r
u
s
a
e
M0
5
2s
p
)
p
p
(
k
s
t5
E
T
O
N
;
w
e
k
S
tr
a
P
o
t
tr
a
P
2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
ir
n
o
d
e
r
u
s
a
e
M0
0
7s
p
R
t6
E
T
O
N
;
e
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
7
o
t
%
0
30
8
20
5
8s
p
F
t6
E
T
O
N
;
e
m
i
T
ll
a
F
t
u
p
t
u
O%
0
7
o
t
%
0
30
8
20
5
8s
p
W
P
th
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
Z
H
M
0
< f <
z
H
M
0
0
2
2
/
E
L
C
Y
C
t
5
.
0
-
2
/
E
L
C
Y
C
t
2
/
E
L
C
Y
C
t
5
.
0
+
s
n
z
H
M
0
0
2
=
f2
5
.
23
s
n
N
E
t6
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
Oz
H
M
0
1
=
f6s
n
S
I
D
te
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O6
E
T
O
N
;z
H
M
0
1
=
f6s
n
0
5
h
ti
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
o
ll
A
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
V
m
0
0
3
=
P
P
V
d
n
a
z
H
M
0
0
2
=
N
If
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
:
1
E
T
O
N
Ω
.
2
/
O
D
D
V
o
t
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
ti
w
w
e
k
s
s
a
d
e
n
if
e
D
:
2
E
T
O
N
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
if
e
D
:
3
E
T
O
N
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
h
ti
w
y
c
n
e
u
q
e
rf
t
n
e
r
e
ff
i
d
t
a
g
n
it
a
r
e
p
o
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
if
e
D
:
4
E
T
O
N
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
it
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
ff
i
d
n
o
s
t
u
p
t
u
o
t
n
e
r
e
ff
i
d
t
a
w
e
k
s
e
h
t
s
a
d
e
n
if
e
D
:
5
E
T
O
N
.
n
o
it
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
it
a
z
ir
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
6
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com