Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS5342 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5342 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS5342 Datasheet HTML 1Page - Integrated Circuit Systems ICS5342 Datasheet HTML 2Page - Integrated Circuit Systems ICS5342 Datasheet HTML 3Page - Integrated Circuit Systems ICS5342 Datasheet HTML 4Page - Integrated Circuit Systems ICS5342 Datasheet HTML 5Page - Integrated Circuit Systems ICS5342 Datasheet HTML 6Page - Integrated Circuit Systems ICS5342 Datasheet HTML 7Page - Integrated Circuit Systems ICS5342 Datasheet HTML 8Page - Integrated Circuit Systems ICS5342 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ICS5342
GENDAC
5
1
1
0
Command
This 8-bit register selects color mode, for instance 8-bit Pseudo
Color, Hi-Color, True Color, or XGA, and DAC power down.
The registers are reset to pseudo color mode on power up.
1
0
1
PLL Parameter
There are 16 PLL parameter registers accessible as indexed by
Read/Write registers. Parameter registers 0F and 0D-00 are two
bytes long and 0E is one byte long. Register 0E is a control reg-
ister. The bits of this register include clock select and enable
functions, the rest contain PLL frequency parameters. After writ-
ing the start index address in the PLL address register, these reg-
isters can be accessed in successive two (or one) bytes. The
address register auto increments after one (0E) or two bytes to
access the entire register
Internal Registers
RS2
RS1
RS0
Register Name
Description (all registers can be written to and read from)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com