Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNH7013XP-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 5Page - STMicroelectronics VNH7013XP-E Datasheet HTML 6Page - STMicroelectronics VNH7013XP-E Datasheet HTML 7Page - STMicroelectronics VNH7013XP-E Datasheet HTML 8Page - STMicroelectronics VNH7013XP-E Datasheet HTML 9Page - STMicroelectronics VNH7013XP-E Datasheet HTML 10Page - STMicroelectronics VNH7013XP-E Datasheet HTML 11Page - STMicroelectronics VNH7013XP-E Datasheet HTML 12Page - STMicroelectronics VNH7013XP-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
VNH7013XP-E
Electrical specifications
Doc ID 022370 Rev 3
9/24
Table 7.
Gate resistance
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RG_HS
Gate resistance HS
VDD =15V; fgate =1 MHz
—20
Ω
RG_LS
Gate resistance LS
13
Ω
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
1.
Pulse width limited by safe operating area.
Forward on voltage
ISD =20A; VGS =0 V;
Tj =25°C
—0.9
1.1
V
trr
Reverse recovery time
ISD = 20 A; di/dt = 100 A/µs;
VDD =20V; Tj = 150 °C
(see
Figure 10)
—50
ns
Qrr
Reverse recovery charge
28
nC
IRRM
Reverse recovery current
0.8
A
Table 9.
Switching on HSD
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn on delay time
VDD =15V; ID =20A;
RG =4.7 Ω; VGS =10V
53
ns
tr
Rise time
319
ns
Qg
Total gate charge
VDD =15 V; ID =20 A;
VGS =10V
(see
Figure 4 and Figure 9)
—36
nC
Qgs
Gate-source charge
8.5
nC
Qgd
Gate-drain charge
5
nC
Table 10.
Switching on LSD
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn on delay time
VDD =15V; ID =20A;
RG =4.7 Ω; VGS =10V
53
ns
tr
Rise time
430
ns
Qg
Total gate charge
VDD =15V; ID =20A;
VGS =10V
(see
Figure 5 and Figure 9)
—23
nC
Qgs
Gate-source charge
6
nC
Qgd
Gate-drain charge
2.5
nC
Table 11.
Switching off HSD
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VDD =15V; ID =20A;
RG =4.7 Ω; VGS =10V
(see
Figure 11)
—253
ns
tf
Fall time
169
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com