Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2002 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS2002
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS2002 Datasheet HTML 8Page - Integrated Circuit Systems ICS2002 Datasheet HTML 9Page - Integrated Circuit Systems ICS2002 Datasheet HTML 10Page - Integrated Circuit Systems ICS2002 Datasheet HTML 11Page - Integrated Circuit Systems ICS2002 Datasheet HTML 12Page - Integrated Circuit Systems ICS2002 Datasheet HTML 13Page - Integrated Circuit Systems ICS2002 Datasheet HTML 14Page - Integrated Circuit Systems ICS2002 Datasheet HTML 15Page - Integrated Circuit Systems ICS2002 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
IR81 Interrupt Enables
Bit 7 - Master Interrupt Enable (MIE)
In the zero state, this bit prevents the IRQ pin from
going active (high) regardless of the state of any of the
individual interrupt sources. It is cleared to zero by
MCR. A zero in this bit does not prevent an individual
interrupt source from being active in the STATUS reg-
ister. This allows interrupts to be masked while allow-
ing their status to be polled.
Bit 6 - reserved
Bit 5 - Sample Rate Interrupt Enable (SRIE)
Bit 4 - FIFO Overflow/Underflow Interrupt
Enable (FOUIE)
Bit 3 - Power-down Mode Change Interrupt
Enable (PMCIE)
Bit 2 - reserved
Bit 1 - Record FIFO Interrupt Enable (RFIE)
Bit 0 - Play FIFO Interrupt Enable (PFIE)
Each of these bits individually enables, one, or disables,
zero, their respective interrupt sources from being ac-
tive in the STATUS register. In addition, there will be
no IRQ generated if MIE is one when an individual
enable bit is zero. The state of this bit does not affect
the source of these interrupts in any way, and they may
be polled for activity in the appropriate register for each
interrupt type. These bits are all cleared to zero by
MCR.
IR83 Status
This register is the same as the direct access status register,
except that it can be read in COMPANION mode.
Sample Rate Generator Registers
IR84 Sample Rate Low 8 bits (SRL)
Bits 7:0 - Sample Rate Bits 7:0
IR85 Sample Rate High 4 bits (SRH)
Bits 3:0 - Sample Rate Bits 11:8
Together, these two registers define the record and
playback sample rate. Based on the crystal frequency
FXtal, and a 12 bit value SR (the concatenation of the
two registers), the sample rate will be:
Sample Rate = FXtal * SR / 524288
These registers are not initialized by any of the reset
mechanisms. Note that the Sample Rate Counter should
always be stopped via SRCS bit 0 when these two
registers are changed.
IR86 Sample Rate Control/Status (SRCS)
Bits 7:2 - reserved
Bit 1 - Sample Rate Interrupt (SRIRQ) - Read Only
This is set by the hardware whenever the sample rate
counter overflows, indicating that a new sample is
being input or generated. This bit is cleared by any of
the following actions:
- Master Chip Reset
- Sample Rate Run = 0 (SRR bit 0)
- a write to STATUS with bit 5 = 1
- any write to SRCS
Bit 0 - Sample Rate Run (SRR)
This bit resets the Sample Rate Counter, the SRIRQ bit,
and shuts down the sampling and playback pro-cesses
when written to a zero. When written to a one, the
sample rate generator runs at the programmed rate.
SRR is internally synchronized to the master clock to
provide clean starts and stops of the counter. MCR
clears this bit.
ICS2002
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com