Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1892 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 5Page - Integrated Circuit Systems ICS1892 Datasheet HTML 6Page - Integrated Circuit Systems ICS1892 Datasheet HTML 7Page - Integrated Circuit Systems ICS1892 Datasheet HTML 8Page - Integrated Circuit Systems ICS1892 Datasheet HTML 9Page - Integrated Circuit Systems ICS1892 Datasheet HTML 10Page - Integrated Circuit Systems ICS1892 Datasheet HTML 11Page - Integrated Circuit Systems ICS1892 Datasheet HTML 12Page - Integrated Circuit Systems ICS1892 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
Chapter 1
Abbreviations and Acronyms
ICS1892, Rev. D, 2/26/01
February 26, 2001
9
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 1
Abbreviations and Acronyms
Table 1-1 lists and interprets the abbreviations and acronyms used throughout this data sheet.
Table 1-1.
Abbreviations and Acronyms
Abbreviation /
Acronym
Interpretation
4B/5B
4-Bit / 5-Bit Encoding/Decoding
ANSI
American National Standards Institute
CMOS
complimentary metal-oxide semiconductor
CSMA/CD
Carrier Sense Multiple Access with Collision Detection
CW
Command Override Write
DSP
digital signal processing
ESD
End-of-Stream Delimiter
FDDI
Fiber Distributed Data Interface
FLP
Fast Link Pulse
IDL
A ‘dead’ time on the link following a 10Base-T packet, not to be confused with idle
IEC
International Electrotechnical Commission
IEEE
Institute of Electrical and Electronic Engineers
ISO
International Standards Organization
LH
Latching High
LL
Latching Low
LMX
Latching Maximum
MAC
Media Access Control
Max.
maximum
Mbps
Megabits per second
MDI
Media Dependent Interface
MF
Management Frame
MII
Media Independent Interface
Min.
minimum
MLT-3
Multi-Level Transition Encoding (3 Levels)
N/A
Not Applicable
NLP
Normal Link Pulse
No.
Number
NRZ
Not Return to Zero
NRZI
Not Return to Zero, Invert on one
OSI
Open Systems Interconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com