Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1522 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS1522
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS1522 Datasheet HTML 5Page - Integrated Circuit Systems ICS1522 Datasheet HTML 6Page - Integrated Circuit Systems ICS1522 Datasheet HTML 7Page - Integrated Circuit Systems ICS1522 Datasheet HTML 8Page - Integrated Circuit Systems ICS1522 Datasheet HTML 9Page - Integrated Circuit Systems ICS1522 Datasheet HTML 10Page - Integrated Circuit Systems ICS1522 Datasheet HTML 11Page - Integrated Circuit Systems ICS1522 Datasheet HTML 12Page - Integrated Circuit Systems ICS1522 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
ICS1522
24-Pin SOIC Package
ICS XXXX M
Example:
Package Type
M=SOIC
Device Type (consists of 3 or 4 digit numbers)
ICS=Standard Device
Prefix
Ordering Information
ICS1522M
Pixel-by-Pixel Adjustment of
Genlocking Phase (ICS1522 Application)
To understand the operation of the pixel-by-pixel phase
adjust-ment feature, imagine that the modulus of the on-
chip divider is equivalent to the graphics system overall
divide. Also, imagine that the overflow of the internal
divider occurs at the same time as the overflow of the
graphics system line counter. Initial synchronization is
accomplished by switching from the external feedback
source (graphics system HSYNC) to the internal feedback.
Let us assume that we are now using the internal divider.
Now, imagine that the programmed value of the divider
(really a prescaler) is increased by one for a single pass-
through that prescaler (think of this as “swallowing” a
feedback pulse). We will lose exactly one CLK period of
phase in the feedback path. The VCO will speed up
momentarily to compensate for that, and re-lock the loop.
In doing so, the graphics system will receive exactly one
extra CLK cycle, advancing the phase of the graphics
system HSYNC by one CLK period relative to the reference
HSYNC. In a similar fashion, we can decrease the
programmed value of the prescaler (“adding” a pulse) to
retard the phase of the graphics system. Additionally, sub-
pixel phase adjustment is provided through varying the
voltage at the FINE input pin.
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com