Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDI430 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDI430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI430 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDI430 Datasheet HTML 3Page - IXYS Corporation IXDI430 Datasheet HTML 4Page - IXYS Corporation IXDI430 Datasheet HTML 5Page - IXYS Corporation IXDI430 Datasheet HTML 6Page - IXYS Corporation IXDI430 Datasheet HTML 7Page - IXYS Corporation IXDI430 Datasheet HTML 8Page - IXYS Corporation IXDI430 Datasheet HTML 9Page - IXYS Corporation IXDI430 Datasheet HTML 10Page - IXYS Corporation IXDI430 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
IXDN430 / IXDI430 / IXDD430 / IXDS430
Supply Current vs. Frequency
Vcc = 25V
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
1000 pF
5600 pF
10000 pF
15000 pF
Supply Current vs. Load Capacitance
Vcc = 25V
0
50
100
150
200
250
300
350
400
1000
10000
100000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
500 kHz
1 MHz
2 MHz
Supply Current vs. Frequency
Vcc = 18V
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
1000 pF
5600 pF
10000 pF
15000 pF
Supply Current vs. Load Capacitance
Vcc = 18V
0
50
100
150
200
250
300
1000
10000
100000
Load Capacitance (pF)
2 MHz
1 MHz
500 kHz
100 kHz
50 kHz
10 kHz
Supply Current vs. Load Capacitance
Vcc = 13V
0
50
100
150
200
250
300
1000
10000
100000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
500 kHz
1 MHz
2 MHz
Supply C urrent vs. Frequency
Vcc = 13V
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (kH z)
1000 pF
5600 pF
10000 pF
15000 pF
Fig. 10
Fig. 11
Fig. 12
Fig. 14
Fig. 9
Fig. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com