Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4562 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL4562
Description  High Bandwidth, Analog/Video Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4562 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL4562 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1-386
Selection Guide
Single Channel Packages
8-Pin DIP
Widebody
(300 Mil)
(400 Mil)
HCPL-4562
HCNW4562
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-4562#XXX
020 = UL 5000 V rms/1 Minute Option*
300 = Gull Wing Surface Mount Option†
500 = Tape and Reel Packaging Option
Option data sheets are available. Contact your Hewlett-Packard sales representative or authorized
distributor for information.
*For HCPL-4562 only.
†Gull wing surface mount option applies to through hole parts only.
Schematic
IF
8
6
5
GND
VCC
2
3
VO
ICC
VF
IO
ANODE
CATHODE
+
–
7
VB
IB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com