Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0454 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL0454
Description  High CMR, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0454 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL0454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1-45
Figure 6. Switching Test Circuit.
Figure 4. Current Transfer Ratio vs. Temperature.
Figure 5. Logic High Output Current
vs. Temperature.
TA – TEMPERATURE – °C
10 4
10 3
10 2
10 1
10 0
10-1
10
-2
-40 -20
0
20 40
60 80 100 120
-60
IF = 0 mA
VO = VCC = 5.0 V
VO
PULSE
GEN.
Z
= 50
Ω
t = 5 ns
O
r
I
MONITOR
F
IF
0.1µF
L
R
CL
RM
0
tPHL
t
PLH
O
V
IF
OL
V
THHL
V
THLH
V
VCC
VCC
1
2
3
4
8
7
6
5
Figure 7. Test Circuit for Transient Immunity and Typical Waveforms.
TA – TEMPERATURE – °C
1.0
0.9
0.85
1.05
0.95
-40 -20
0
20 40
60 80 100 120
-60
IF = 16 mA
VO = 0.4 V
VCC = 5.0 V
TA = 25°C
NORMALIZED
HCNW4504
TA – TEMPERATURE – °C
1.0
0.8
0.6
1.1
0.7
0.9
-40 -20
0
20 40
60 80 100 120
-60
IF = 16 mA
VO = 0.4 V
VCC = 5.0 V
TA = 25°C
NORMALIZED
HCPL-4504/0454
VO
IF
0.1µF
L
R
A
B
PULSE GEN.
VCM
+
VFF
L
C
O
V
OL
V
O
V
0 V
10%
90%
90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 12 mA, 16 mA
F
CM
V
tr
tf
CC
V
VCC
–
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com