Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCNW136 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCNW136
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNW136 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCNW136 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNW136 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Single Channel, High Speed
Optocouplers
Technical Data
Features
• 15 kV/
µs Minimum Common
Mode Transient Immunity at
VCM = 1500 V (4503/0453)
• High Speed: 1 Mb/s
• TTL Compatible
• Available in 8-Pin DIP, SO-8,
Widebody Packages
• Open Collector Output
• Guaranteed Performance
from Temperature: 0
°C
to 70
°C
• Safety Approval
UL Recognized – 3750 V rms
for 1 minute (5000 V rms for
1 minute for HCNW and
Option 020 devices) per
UL1577
CSA Approved
IEC/EN/DIN EN 60747-5-2
Approved
–VIORM = 630 V peak for
HCPL-4503#060
–VIORM = 1414 V peak for
HCNW devices
• Dual Channel Version
Available (253X/4534/053X/
0534)
• MIL-PRF-38534 Hermetic
Version Available (55XX/
65XX/4N55)
Applications
• High Voltage Insulation
• Video Signal Isolation
• Power Transistor Isolation
in Motor Drives
• Line Receivers
• Feedback Element in
Switched Mode Power
Supplies
• High Speed Logic Ground
Isolation – TTL/TTL, TTL/
CMOS, TTL/LSTTL
• Replaces Pulse Transformers
• Replaces Slow
Phototransistor Isolators
• Analog Signal Ground
Isolation
Description
These diode-transistor optocoup-
lers use an insulating layer
between a LED and an integrated
photodetector to provide elec-
trical insulation between input
and output. Separate connections
for the photodiode bias and
output-transistor collector
increase the speed up to a
hundred times that of a conven-
tional phototransistor coupler by
reducing the base-collector
capacitance.
Functional Diagram
6N135/6
HCNW135/6
HCNW4502/3
HCPL-2502
HCPL-0452/3
HCPL-0500/1
HCPL-4502/3
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
VB
VO
GND
*
* NOTE: FOR 4502/3, 0452/3,
PIN 7 IS NOT CONNECTED.
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
LOW
HIGH


Similar Part No. - HCNW136

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW136 AVAGO-HCNW136 Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers TTL compatible
HCNW136 AVAGO-HCNW136 Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers High density packaging
HCNW136 AVAGO-HCNW136 Datasheet
444Kb / 16P
Single Channel, High Speed Optocouplers
HCNW136 AVAGO-HCNW136 Datasheet
479Kb / 16P
Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
Single Channel, High Speed Optocouplers
More results

Similar Description - HCNW136

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers TTL compatible
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
Single Channel, High Speed Optocouplers TTL compatible
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
Single Channel, High Speed Optocouplers
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com