Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB557-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB557-R
Description  HDMI A - DVI-D Adapter HDMI 19pin A Male DVI-D(24 1) Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB557-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB557-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AB557-R
rev01
Wilson
13.03.13
HDMI A - DVI-D Adapter
HDMI 19pin A Male
DVI-D(24+1) Male
None
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±X
±X
±X
±X°
±X°
Groll
13.03.13
Material:
• Jump wire-28-1061-2*35*2mm
• Hi Temp Tape: W:19mm; L:70mm
• Foil-CU:30*85mm
• PVC-BK10/50
• P1: HDMI A type connector
• P2: DVI-D (24+1) Male (front rivet nut)
• PE bag: 3.5”*3.5”*0.06mm
13.03.13
Wilson
Updated all information


Similar Part No. - AB557-R

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AB5000SHF 3M-AB5000SHF Datasheet
394Kb / 4P
3M??EMI Absorber AB5000SHF Series
AB5000SHF-SERIES 3M-AB5000SHF-SERIES Datasheet
394Kb / 4P
3M??EMI Absorber AB5000SHF Series
AB5010R 3M-AB5010R Datasheet
91Kb / 3P
Electromagnetic Absorber for RFID Application
2003
AB5010SHF 3M-AB5010SHF Datasheet
394Kb / 4P
3M??EMI Absorber AB5000SHF Series
AB5020SHF 3M-AB5020SHF Datasheet
394Kb / 4P
3M??EMI Absorber AB5000SHF Series
More results

Similar Description - AB557-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-DVI-MM-4 ETC2-HD-DVI-MM-4 Datasheet
1Mb / 2P
HDMI Cable, HDMI Male / DVI-D Male Single Link 4.0 M
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P566012 TRIPPLITE-P566012 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com