Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APV21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APV21
Description  PhotoMOS Relay Dimensions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APV21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APV21 Datasheet HTML 1Page - List of Unclassifed Manufacturers APV21 Datasheet HTML 2Page - List of Unclassifed Manufacturers APV21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
mm inch
Type
Dimensions
AQS22(SOP)
Series
AQY27
Series
AQZ10
AQZ20
AQZ40
Series
AQZ26
Series
Recommended mounting pad (Top view)
General tolerance:
±0.1 ±.004
Terminal thickness = 0.15 .006
Tolerance:
±0.1 ±.004
4.4
±0.2
.173
±.008
2.0
±0.2
.079
±.008
1.27
.050
0.1
.004
6.8
±0.4
.268
±.016
0.5
.020
0.5
.020
0.4
.016
10.37
±0.2
.408
±.008
1.2
.047
0.8
.031
6
.236
1.27
.050
1.27
.050
1.27
.050
1.27
.050
1.27
.050
1.27
.050
1.27
.050
9.3
.366
5.08
.200
0.2
.008
10.16
.400
Max.10
°
1.0
.039
1.0
.039
8.8
.346
3.5
.138
±0.2
±0.2
±0.2
–0±.008
–0
±.008
±.008
±.008
±0.2
Recommended mounting pad
(Top view)
Terminal thickness =
0.25 .010
General tolerance:
±0.1 ±.004
Terminal thickness =
0.25 .010
General tolerance:
±0.1 ±.004
Tolerance:
±0.1 ±.004
Tolerance:
±0.1 ±.004
Through hole terminal type
Surface mount terminal type
PC board pattern (Bottom view)
9.3
.366
5.08
.200
0.47
.019
0.47
.019
10.16
.400
3.5
.138
3.9
.154
3.0
.118
0 to 10
°
0 to 10
°
±0.2
±.008
±.008
±0.05
±.002
±0.2
±0.1
8.8
.346
±.008
±.004
±0.2
5.08
.200
8.8
.346
2.54
.100
10.16
.400
4-0.8 dia.
4-.031 dia.
1.8
.071
1.8
.071
5.08
.200
11.0
.433
3.5
.138
5
.197
1.5
.059
0.8
.031
1.1
.043
0.5
.059
2.54
.100
1.5
.059
0.5
.059
1.2
.047
0.25
.010
0.8
.031
21
±0.2
.827
±.008
3.5
±0.2
.138
±.008
2.8
±0.2
.110
±.008
11
±0.2
.433
±.008
5.08
.200
10.16
.400
2-0.8 dia.
2-.031 dia.
2-1.1 dia.
2-.043 dia.
2.54
.100
10.16
.400
5.08
.200
Tolerance:
±0.1 ±.004
AC/DC type
Input: DC–
Input: DC+
Output: DC or AC
Output: DC or AC
Input: DC–
Input: DC+
Output: DC–
Output: DC+
DC type
General tolerance:
±0.1 ±.004
PC board pattern (Bottom view)
Max. 43.0
1.693
Max. 9.0
.354
2.5
.098
Max. 32.0
1.260
Min. 8.0
.315
5.08
.200
5.08
.200
12.7
.500
10.16
.400
4-0.8dia.
4-.031dia.
Input: DC –
Input: DC +
Output : AC or DC
Output : AC or DC
Terminal 1
2
3
27.94
1.100
Copper foil
2.54
×5
.100
×5
2.54
×4
.100
×4
4-1.2 dia.
4-.047
4
Mounting hole location(Bottom view)
Pitch tolerance:
±0.1 ±.004
General tolerance
±0.5 ±.020
2.54
×2
.100
×2
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com