Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-R Datasheet(PDF) 14 Page - STMicroelectronics

Part # M95512-R
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M95512-R Datasheet HTML 10Page - STMicroelectronics M95512-R Datasheet HTML 11Page - STMicroelectronics M95512-R Datasheet HTML 12Page - STMicroelectronics M95512-R Datasheet HTML 13Page - STMicroelectronics M95512-R Datasheet HTML 14Page - STMicroelectronics M95512-R Datasheet HTML 15Page - STMicroelectronics M95512-R Datasheet HTML 16Page - STMicroelectronics M95512-R Datasheet HTML 17Page - STMicroelectronics M95512-R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Operating features
M95512-W M95512-R M95512-DR M95512-DF
14/50
DocID11124 Rev 21
5.1.4
Power-down
During power-down (continuous decrease of the VCC supply voltage below the minimum
VCC operating voltage defined under Operating conditions in Section 9: DC and AC
parameters), the device must be:
•
deselected (Chip Select S should be allowed to follow the voltage applied on VCC),
•
in Standby Power mode (there should not be any internal write cycle in progress).
5.2
Active Power and Standby Power modes
When Chip Select (S) is low, the device is selected, and in the Active Power mode. The
device consumes ICC.
When Chip Select (S) is high, the device is deselected. If a Write cycle is not currently in
progress, the device then goes into the Standby Power mode, and the device consumption
drops to ICC1, as specified in DC characteristics (see Section 9: DC and AC parameters).
5.3
Hold condition
The Hold (HOLD) signal is used to pause any serial communications with the device without
resetting the clocking sequence.
To enter the Hold condition, the device must be selected, with Chip Select (S) low.
During the Hold condition, the Serial Data Output (Q) is high impedance, and the Serial
Data Input (D) and the Serial Clock (C) are Don’t Care.
Normally, the device is kept selected for the whole duration of the Hold condition.
Deselecting the device while it is in the Hold condition has the effect of resetting the state of
the device, and this mechanism can be used if required to reset any processes that had
been in progress.(a) (b)
Figure 7. Hold condition activation
a. This resets the internal logic, except the WEL and WIP bits of the Status Register.
b. In the specific case where the device has shifted in a Write command (Inst + Address + data bytes, each data
byte being exactly 8 bits), deselecting the device also triggers the Write cycle of this decoded command.
ai02029E
c
HOLD
Hold
condition
Hold
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com