Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPY20 Datasheet(PDF) 2 Page - General Semiconductor

Part # ZPY20
Description  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZPY20 Datasheet(HTML) 2 Page - General Semiconductor

  ZPY20 Datasheet HTML 1Page - General Semiconductor ZPY20 Datasheet HTML 2Page - General Semiconductor ZPY20 Datasheet HTML 3Page - General Semiconductor ZPY20 Datasheet HTML 4Page - General Semiconductor ZPY20 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZPY1(3)
0.65 … 0.75
6.5 (< 8)
– 26 … – 23
5
–
580
ZPY3.9
3.7 … 4.1
4 (< 7)
– 7 … +2
100
–
290
ZPY4.3
4.0 … 4.6
4 (< 7)
– 7 … +3
100
–
260
ZPY4.7
4.4 … 5.0
4 (< 7)
– 7 … +4
100
–
235
ZPY5.1
4.8 … 5.4
2 (< 5)
– 6 … +5
100
> 0.7
215
ZPY5.6
5.2 … 6.0
1 (< 2)
– 3 … +5
100
> 1.5
193
ZPY6.2
5.8 … 6.6
1 (< 2)
– 1 … +6
100
> 2.0
183
ZPY6.8
6.4 … 7.2
1 (< 2)
0 … +7
100
> 3.0
157
ZPY7.5
7.0 … 7.9
1 (< 2)
0 … +7
100
> 5.0
143
ZPY8.2
7.7 … 8.7
1 (< 2)
+3 … +8
100
> 6.0
127
ZPY9.1
8.5 … 9.6
2 (< 4)
+3 … +8
50
> 7.0
117
ZPY10
9.4 … 10.6
2 (< 4)
+5 … +9
50
> 7.5
105
ZPY11
10.4 … 11.6
3 (< 7)
+5 … +10
50
> 8.5
94
ZPY12
11.4 … 12.7
3 (< 7)
+5 … +10
50
> 9.0
85
ZPY13
12.4 … 14.1
4 (< 9)
+5 … +10
50
> 10
78
ZPY15
13.8 … 15.8
4 (< 9)
+5 … +10
50
> 11
70
ZPY16
15.3 … 17.1
5 (< 10)
+7 … +11
25
> 12
63
ZPY18
16.8 … 19.1
5 (< 11)
+7 … +11
25
> 14
57
ZPY20
18.8 … 21.2
6 (< 12)
+7 … +11
25
> 15
52
ZPY22
20.8 … 23.3
7 (< 13)
+7 … +11
25
> 17
48
ZPY24
22.8 … 25.6
8 (< 14)
+7 … +12
25
> 18
42
ZPY27
25.1 … 28.9
9 (< 15)
+7 … +12
25
> 20
38
ZPY30
28 … 32
10 (< 20)
+7 … +12
25
> 22.5
35
ZPY33
31 … 35
11 (< 20)
+7 … +12
25
> 25
31
ZPY36
34 … 38
25 (< 60)
+7 … +12
10
> 27
29
ZPY39
37 … 41
30 (< 60)
+8 … +12
10
> 29
26
ZPY43
40 … 46
35 (< 80)
+8 … +13
10
> 32
24
ZPY47
44 … 50
40 (< 80)
+8 … +13
10
> 35
22
ZPY51
48 … 54
45 (< 100)
+8 … +13
10
> 38
20
ZPY56
52 … 60
50 (< 100)
+8 … +13
10
> 42
18
ZPY62
58 … 66
60 (< 130)
+8 … +13
10
> 47
16
ZPY68
64 … 72
65 (< 130)
+8 … +13
10
> 51
14
ZPY75
70 … 79
70 (< 160)
+8 … +13
10
> 56
13
ZPY82
77 … 88
80 (< 160)
+8 … +13
10
> 61
12
ZPY91
85 … 96
120 (< 250)
+9 … +13
5
> 68
11
ZPY100
94 … 106
130 (< 250)
+9 … +13
5
> 75
10
ZPY1 THRU ZPY100
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener
voltage(2)
at
IZT
VZ (V)
Dynamic
resistance
at IZT
f = 1 kHz
max
rzj (
Ω)
Temp. coeff.
of Zener volt.
at
IZT
α
VZ (10
–4
/K)
Test
current
IZT (mA)
Reverse
voltage
at
IR= 0.5
µA
VR (V)
Admissible
Zener current(1)
at Tamb = 25°C
IZ (mA)
NOTES:
(1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(2) Tested with pulses tp = 5 ms
(3) The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all characteristics and maximum ratings should be “F” instead of “Z”
Connect the cathode terminal to the negative pole
For devices in glass case DO-41 with higher Zener voltage but same power dissipation see types ZPU100 … ZPU180



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com