Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG30DPT Datasheet(PDF) 1 Page - General Semiconductor

Part # UG30DPT
Description  ULTRAFAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

UG30DPT Datasheet(HTML) 1 Page - General Semiconductor

  UG30DPT Datasheet HTML 1Page - General Semiconductor UG30DPT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
UG30APT THRU UG30DPT
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 30.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Ideally suited for use in very high frequency switching
power supplies, inverters and as a free wheeling diodes
♦ Ultrafast, 15 nanosecond typical recovery time
♦ Low leakage current
♦ Glass passivated chip junctions
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ High temperature soldering guaranteed:
250°C, 0.16” (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-247AD molded plastic body over
passivated chips
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 2.2 ounces, 6.3 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
UG30APT
UG30BPT
UG30CPT
UG30DPT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current at TC=120°C
I(AV)
30.0
Amps
Peak forward surge current
8.3 ms single half sine-wave superimposed
IFSM
300.0
Amps
on rated load (JEDEC Method) at TC=120°C
Maximum instantaneous forward voltage
per leg at 15A
1.0
30A
VF
1.15
Volts
10A TJ=100°C
0.85
Maximum DC reverse current at
TA =25°C
5.0
rated DC blocking voltage per leg
TA =100°C
IR
800.0
µA
Maximum reverse recovery time (NOTE 1)
trr
20.0
ns
Maximum reverse recovery time
TJ= 25°C
35.0
(NOTE 2)
TJ=100°C
trr
50.0
ns
Maximum recovered stored charge
TJ=25°C
22.0
(NOTE 2)
TJ=100°C
Qrr
50.0
nC
Typical junction capacitance (NOTE 3)
CJ
70.0
pF
Typical thermal resistance (NOTE 4)
R
ΘJC
2.0
°C/W
Operating and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR =1.0A, Irr=0.25A
(2) trr and Qrr measured at: IF=15A VR=30V, di/dt=50 A/
µs, IRR=10% IRM for measurement of trr
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Thermal resistance from junction to case per leg mounted on heatsink
PIN 1
PIN 3
CASE
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 REF
(1.98)
0.203 (5.16)
0.193 (4.90)
10
o TYP.
BOTH SIDES
30o
10
o
1
o
REF.
0.118 (3.0)
0.108 (2.7)
0.030 (0.76)
0.020 (0.51)
BOTH SIDES
PIN 2
TO-247AD
Dimensions in inches and (millimeters)


Similar Part No. - UG30DPT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG30DPT VISHAY-UG30DPT Datasheet
92Kb / 4P
Dual Common-Cathode Ultrafast Plastic Rectifier
05-Jun-08
UG30DPT-E3 VISHAY-UG30DPT-E3 Datasheet
91Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
UG30DPT-E3 VISHAY-UG30DPT-E3 Datasheet
88Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
27-May-2020
UG30DPT-E3-45 VISHAY-UG30DPT-E3-45 Datasheet
92Kb / 4P
Dual Common-Cathode Ultrafast Plastic Rectifier
05-Jun-08
More results

Similar Description - UG30DPT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG2A GE-UG2A Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB8AT GE-UGB8AT Datasheet
39Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
SUF30G SHUNYE-SUF30G Datasheet
492Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com