Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB760 Datasheet(PDF) 1 Page - General Semiconductor

Part # MBRB760
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBRB760 Datasheet(HTML) 1 Page - General Semiconductor

  MBRB760 Datasheet HTML 1Page - General Semiconductor MBRB760 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRB735 THRU MBRB760
SCHOTTKY RECTIFIER
Reverse Voltage - 35 to 60 Volts
Forward Current - 7.5 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
♦ Metal silicon junction
majority carrier conduction
♦ Low power loss, high efficiency
♦ High current capability, low forward
voltage drop
♦ High surge capability
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ Guardring for overvoltage protection
♦ High temperature soldering in accordance with
CECC 802 / Reflow guaranteed
MECHANICAL DATA
Case: JEDEC TO-263AB molded plastic body
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
MBRB735
MBRB745
MBRB750
MBRB760
UNITS
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
Volts
Maximum working peak reverse voltage
VRWM
35
45
50
60
Volts
Maximum DC blocking voltage
VDC
35
45
50
60
Volts
Maximum average forward rectified current (SEE FIG 1)
I(AV)
7.5
Amps
Peak repetitive forward current (square wave, 20 KHZ)
at TC=105°C
IFRM
15.0
Amps
Peak forward surge current, 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
150.0
Amps
Peak repetitive reverse surge current (NOTE 1)
IRRM
1.0
0.5
Amps
Maximum instantaneous
IF=7.5A, TC=25°C
-
0.75
forward voltage at
IF=7.5A, TC=125°C
VF
0.57
0.65
Volts
(NOTE 2)
IF=15A, TC=25°C
0.84
-
IF=15A, TC=125°C
0.72
-
Maximum instantaneous reverse current at
rated DC blocking voltage
TC=25°C
IR
0.1
0.5
mA
(NOTE 1)
TC=125°C
15.0
50.0
Voltage rate of change (rated VR)
dv/dt
10,000
1,000
V/
µs
Maximum thermal resistance, (NOTE 3)
R
ΘJC
3.0
°C/W
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
TSTG
-65 to +175
°C
NOTES:
(1) 2.0
µs, pulse width, f=1.0 KHZ
(2) Pulse test: 300
µs pulse width, 1% duty cycle
(3) Thermal resistance from junction to case
4/98
TO-263AB
-T-
SEATING
PLATE
0.380 (9.65)
0.420 (10.67)
0.320 (8.13)
0.360 (9.14)
0.575 (14.60)
0.625 (15.88)
0.027 (0.686)
0.037 (0.940)
1
2
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.018 (0.46)
0.025 (0.64)
0.080 (2.03)
0.110 (2.79)
0.090 (2.29)
0.110 (2.79)
0.245 (6.22)
MIN
- HEATSINK
PIN 1
K
K
0.095 (2.41)
0.100 (2.54)
K
PIN 2
0.047 (1.19)
0.055 (1.40)
Dimensions in inches and (millimeters)


Similar Part No. - MBRB760

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB760 VISHAY-MBRB760 Datasheet
64Kb / 3P
Schottky Barrier Rectifier
03-Mar-03
MBRB760 VISHAY-MBRB760 Datasheet
493Kb / 5P
Schottky Barrier Rectifier
08-Nov-07
logo
Kersemi Electronic Co.,...
MBRB760 KERSEMI-MBRB760 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
Sangdest Microelectroni...
MBRB760 SMC-MBRB760 Datasheet
184Kb / 6P
SCHOTTKY RECTIFIER
More results

Similar Description - MBRB760

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com