Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL103A Datasheet(PDF) 2 Page - General Semiconductor

Part # LL103A
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL103A Datasheet(HTML) 2 Page - General Semiconductor

  LL103A Datasheet HTML 1Page - General Semiconductor LL103A Datasheet HTML 2Page - General Semiconductor LL103A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
LL103A THRU LL103C
Symbol
Min.
Typ.
Max.
Unit
Leakage Current
at VR = 30 V
LL103A
at VR = 20 V
LL103B
at VR = 10 V
LL103C
IR
IR
IR
5
5
5
µA
µA
µA
Forward Voltage Drop
at IF = 20 mA
at IF = 200 mA
VF
VF
0.37
0.6
V
V
Junction Capacitance
at VR = 0 V, f = 1 MHz
Ctot
–50
pF
Reverse Recovery Time
at IF = IR = 50 mA to 200 mA, recover to 0.1 IR
trr
–10
ns
RATINGS AND CHARACTERISTIC CURVES LL103A THRU LL103C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com