Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5259B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5259B
Description  350mW SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259B Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5259B Datasheet HTML 1Page - Diodes Incorporated MMBZ5259B Datasheet HTML 2Page - Diodes Incorporated MMBZ5259B Datasheet HTML 3Page - Diodes Incorporated MMBZ5259B Datasheet HTML 4Page - Diodes Incorporated MMBZ5259B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBZ5221B - MMBZ5259B
Document number: DS18011 Rev. 23 - 2
1 of 5
www.diodes.com
November 2012
© Diodes Incorporated
MMBZ5221B - MMBZ5259B
350mW SURFACE MOUNT ZENER DIODE
Features
•
Planar Die Construction
•
350mW Power Dissipation on FR-4 PCB
•
General Purpose, Medium Current
•
Ideally Suited for Automated Assembly Processes
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Weight: 0.008 grams (approximate)
Ordering Information (Notes 5 & 6)
Device
Qualification
Packaging
Shipping
(Type Number)-7-F*
Commercial
SOT23
3000/Tape & Reel
(Type Number)Q-7-F*
Automotive
SOT23
3000/Tape & Reel
(Type Number)-13-F*
Commercial
SOT23
10000/Tape & Reel
(Type Number)Q-13-F*
Automotive
SOT23
10000/Tape & Reel
* Add “-7-F” to the appropriate type number in Electrical Characteristics Table from Page 2. Example: 6.2V Zener = MMBZ5234B-7-F.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code OW (week 42, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code OW are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For Packaging Details, go to our website at http://www.diodes.com.
6. Selected voltages are available on 13" reels (10,000 devices per reel). Add “-13-F” to the appropriate type number in Electrical Characteristics Table from
Page 2. Example: 6.2V Zener = MMBZ5234B-13-F. Please contact your Diodes Inc. sales representative for availability.
Marking Information
Date Code Key
Year
1998
…
2002
2003
2004
…
2010
2011
2012
2013
2014
2015
2016
2017
2018
Code
J
…
N
P
R
…
X
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Schematic
SOT23
K = SAT (Shanghai Assembly / Test site)
xx = Product Type Marking Code
See Electrical Characteristics Table
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
C = CAT (Chengdu Assembly / Test site)
xx = Product Type Marking Code
See Electrical Characteristics Table
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
Cxx
Kxx


Similar Part No. - MMBZ5259B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5259B PANJIT-MMBZ5259B Datasheet
132Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5259B DIODES-MMBZ5259B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBZ5259B MCC-MMBZ5259B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
logo
Taiwan Semiconductor Co...
MMBZ5259B TSC-MMBZ5259B Datasheet
39Kb / 3P
Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5259B WEITRON-MMBZ5259B Datasheet
268Kb / 5P
Surface Mount Zener Diodes
More results

Similar Description - MMBZ5259B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
BZX84C2V4 PFS-BZX84C2V4 Datasheet
225Kb / 5P
350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 30
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com