Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80960KB Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
80960KB
8
Table 4. 80960KB Pin Description: L-Bus Signals (Sheet 1 of 2)
NAME
TYPE
DESCRIPTION
CLK2
I
SYSTEM CLOCK provides the fundamental timing for 80960KB systems. It is
divided by two inside the 80960KB and four 80-bit registers (FP0 through FP3) to
generate the internal processor clock.
LAD31:0
I/O
T.S.
LOCAL ADDRESS / DATA BUS carries 32-bit physical addresses and data to
and from memory. During an address (Ta) cycle, bits 2-31 contain a physical word
address (bits 0-1 indicate SIZE; see below). During a data (Td) cycle, bits 0-31
contain read or write data. These pins float to a high impedance state when not
active.
Bits 0-1 comprise SIZE during a Ta cycle. SIZE specifies burst transfer size in
words.
LAD1
LAD0
00
1 Word
0
1
2 Words
1
0
3 Words
1
1
4 Words
ALE
O
T.S.
ADDRESS LATCH ENABLE indicates the transfer of a physical address. ALE is
asserted during a Ta cycle and deasserted before the beginning of the Td state. It
is active LOW and floats to a high impedance state during a hold cycle (Th).
ADS
O
O.D.
ADDRESS/DATA STATUS indicates an address state. ADS is asserted every Ta
state and deasserted during the following Td state. For a burst transaction, ADS is
asserted again every Td state where READY was asserted in the previous cycle.
W/R
O
O.D.
WRITE/READ specifies, during a Ta cycle, whether the operation is a write or
read. It is latched on-chip and remains valid during Td cycles.
DT/R
O
O.D.
DATA TRANSMIT / RECEIVE indicates the direction of data transfer to and from
the L-Bus. It is low during Ta and Td cycles for a read or interrupt acknowl-
edgment; it is high during Ta and Td cycles for a write. DT/R never changes state
when DEN is asserted.
DEN
O
O.D.
DATA ENABLE (active low) enables data transceivers. The processor asserts
DEN# during all Td and Tw states. The DEN# line is an open drain-output of the
80960KB-processor.
READY
I
READY indicates that data on LAD lines can be sampled or removed. If READY
is not asserted during a Td cycle, the Td cycle is extended to the next cycle by
inserting a wait state (Tw) and ADS is not asserted in the next cycle.
LOCK
I/O
O.D.
BUS LOCK prevents bus masters from gaining control of the L-Bus during
Read/Modify/Write (RMW) cycles. The processor or any bus agent may assert
LOCK.
At the start of a RMW operation, the processor examines the LOCK pin. If the pin
is already asserted, the processor waits until it is not asserted. If the pin is not
asserted, the processor asserts LOCK during the Ta cycle of the read transaction.
The processor deasserts LOCK in the Ta cycle of the write transaction. During the
time LOCK is asserted, a bus agent can perform a normal read or write but not a
RMW operation.
The processor also asserts LOCK during interrupt-acknowledge transactions.
Do not leave LOCK unconnected. It must be pulled high for the processor to
function properly.
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state
ERRATA - 6/13/97
DEN pin description omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com