Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3333 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3333
Description  2.2-V to 36-V, microPower Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333 Datasheet(HTML) 3 Page - Texas Instruments

  REF3333 Datasheet HTML 1Page - Texas Instruments REF3333 Datasheet HTML 2Page - Texas Instruments REF3333 Datasheet HTML 3Page - Texas Instruments REF3333 Datasheet HTML 4Page - Texas Instruments REF3333 Datasheet HTML 5Page - Texas Instruments REF3333 Datasheet HTML 6Page - Texas Instruments REF3333 Datasheet HTML 7Page - Texas Instruments REF3333 Datasheet HTML 8Page - Texas Instruments REF3333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLV1701
TLV1702
TLV1704
www.ti.com
SBOS589 – DECEMBER 2013
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +2.2 V to +36 V, CL = 15 pF, RPULLUP = 5.1 kΩ, VCM = VS / 2 and VS = VPULLUP, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
TA = 25°C, VS = 2.2 V
±0.5
±3.5
mV
VOS
Input Offset voltage
TA = 25°C, VS = 36 V
±0.3
±2.5
mV
TA = –40°C to +125°C
±5.5
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
±4
±20
μV/°C
15
100
μV/V
PSRR
Power-supply rejection ratio
TA = –40°C to +125°C
20
μV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
(V–)
(V+)
V
INPUT BIAS CURRENT
5
15
nA
IB
Input bias current
TA = –40°C to +125°C
20
nA
IOS
Input offset current
0.5
nA
CLOAD
Capacitive load drive
See TYPICAL CHARACTERISTICS
OUTPUT
IO ≤ 4 mA, input overdrive = 100 mV,
900
mV
VS = 36 V
VO
Voltage output swing from rail
IO = 0 mA, input overdrive = 100 mV,
600
mV
VS = 36 V
ISC
Short circuit sink current
20
mA
Output leakage current
VIN+ > VIN–
70
nA
SWITCHING CHARACTERISTICS
tPHL
Propagation delay time, high-to-low
Input overdrive = 100 mV
480
ns
tPLH
Propagation delay time, low-to-high
Input overdrive = 100 mV
780
ns
tR
Rise time
Input overdrive = 100 mV
2000
ns
tF
Fall time
Input overdrive = 100 mV
400
ns
POWER SUPPLY
VS
Specified voltage range
2.2
36
V
IO = 0 A
55
75
μA
IQ
Quiescent current (per channel)
IO = 0 A, TA = –40°C to +125°C
100
μA
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–55
+150
°C
Storage range
–65
+150
°C
THERMAL INFORMATION
TLV1702
THERMAL METRIC(1)
DGK (MSOP)
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
199
θJCtop
Junction-to-case (top) thermal resistance
89.5
θJB
Junction-to-board thermal resistance
120.4
°C/W
ψJT
Junction-to-top characterization parameter
22.0
ψJB
Junction-to-board characterization parameter
118.7
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV1701 TLV1702 TLV1704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com