Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3333 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3333
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3333 Datasheet HTML 7Page - Texas Instruments REF3333 Datasheet HTML 8Page - Texas Instruments REF3333 Datasheet HTML 9Page - Texas Instruments REF3333 Datasheet HTML 10Page - Texas Instruments REF3333 Datasheet HTML 11Page - Texas Instruments REF3333 Datasheet HTML 12Page - Texas Instruments REF3333 Datasheet HTML 13Page - Texas Instruments REF3333 Datasheet HTML 14Page - Texas Instruments REF3333 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
+V
+5 V
CC
R
100 k
LOAD
W
V
O
R3
1 MW
R2
1 MW
R1
1 MW
V
IN
V
A
5 V
0 V
1.67 V
3.33 V
V
A2
V
A1
V
IN
V
O High
+V
CC
V
O Low
+V
CC
V
A1
R1
R2
R3
V
A2
R1
R2
R3
D
-
V = V
V
A
A1
A2
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
V
= V
A1
CC
´
R2
(R1 || R3) + R2
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 29. When VIN at the inverting input is less than VA, the output voltage is
high (for simplicity, assume VO switches as high as VCC). The three network resistors can be represented as R1
|| R3 in series with R2. The high to low trip voltage (VA1) is defined by Equation 1:
(1)
When VIN is greater than VA, the output voltage is low, very close to ground. In this case, the three network
resistors can be presented as R2 || R3 in series with R1. The low to high trip voltage (VA2) is defined by
Equation 2:
(2)
The total hysteresis provided by the network is defined by Equation 3:
(3)
Figure 29. TLV3691 in an Inverting Configuration with Hysteresis
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com