Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL43 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SL43
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL43 Datasheet(HTML) 1 Page - Vishay Siliconix

  SL43 Datasheet HTML 1Page - Vishay Siliconix SL43 Datasheet HTML 2Page - Vishay Siliconix SL43 Datasheet HTML 3Page - Vishay Siliconix SL43 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL42, SL43, SL44
www.vishay.com
Vishay General Semiconductor
Revision: 25-Apr-14
1
Document Number: 88742
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Schottky Barrier Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Very low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Note
(1) PCB mounted 0.55" x 0.55" (14 mm x 14 mm) copper pad areas, TL = 90 °C
PRIMARY CHARACTERISTICS
IF(AV)
4.0 A
VRRM
20 V, 30 V, 40 V
IFSM
150 A
VF
0.31 V, 0.35 V
TJ max.
125 °C
Package
DO-214AB
Diode variations
Single
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL42
SL43
SL44
UNIT
Device marking code
SL2
SL3
SL4
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRMS
14
21
28
V
Maximum DC blocking voltage
VDC
20
30
40
V
Maximum average forward rectified current (1) at TL (fig. 1)
IF(AV)
4.0
A
8.0
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Operating junction temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C


Similar Part No. - SL43

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SL43 GE-SL43 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL43 VISHAY-SL43 Datasheet
341Kb / 4P
Surface Mount Schottky Barrier Rectifier
22-Jan-08
logo
Shenzhen Taychipst Elec...
SL43 TAYCHIPST-SL43 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL43 VISHAY-SL43 Datasheet
91Kb / 4P
Surface Mount Schottky Barrier Rectifier
25-Apr-14
SL43 VISHAY-SL43 Datasheet
75Kb / 4P
Surface Mount Schottky Barrier Rectifier
25-Apr-14
More results

Similar Description - SL43

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com