Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVT2004TL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NVT2004TL
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004TL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NVT2004TL Datasheet HTML 2Page - NXP Semiconductors NVT2004TL Datasheet HTML 3Page - NXP Semiconductors NVT2004TL Datasheet HTML 4Page - NXP Semiconductors NVT2004TL Datasheet HTML 5Page - NXP Semiconductors NVT2004TL Datasheet HTML 6Page - NXP Semiconductors NVT2004TL Datasheet HTML 7Page - NXP Semiconductors NVT2004TL Datasheet HTML 8Page - NXP Semiconductors NVT2004TL Datasheet HTML 9Page - NXP Semiconductors NVT2004TL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
6 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
7.
Application design-in information
The NVT2003/04/06 can be used in level translation applications for interfacing devices or
systems operating at different interface voltages with one another. The NVT2003/04/06 is
ideal for use in applications where an open-drain driver is connected to the data I/Os. The
NVT2003/04/06 can also be used in applications where a push-pull driver is connected to
the data I/Os.
7.1 Enable and disable
The NVT20xx has an EN input that is used to disable the device by setting EN LOW,
which places all I/Os in the high-impedance state.
[1]
All typical values are at Tamb =25 C.
(1) The applied voltages at Vref(A) and Vpu(D) should be such that Vref(B) is at least 1 V higher than
Vref(A) for best translator operation.
Fig 7.
Typical application circuit (switch always enabled)
Table 5.
Application operating conditions
Refer to Figure 7.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Vref(B)
reference voltage (B)
Vref(A) +0.6 2.1
5
V
VI(EN)
input voltage on pin EN
Vref(A) +0.6 2.1
5
V
Vref(A)
reference voltage (A)
0
1.5
4.4
V
Isw(pass)
pass switch current
-
14
-
mA
Iref
reference current
transistor
-
5
-
A
Tamb
ambient temperature
operating in
free-air
40
-
+85
C
002aae134
A1
A2
VREFA
GND
3
4
VREFB
1
6
5
B1
B2
8EN
SW
SW
NVT2002
7
200 k
Ω
RPU
RPU
Vpu(D) = 3.3 V(1)
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(A) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com